Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

082-0035F Datasheet (PDF) - Multicomp Pro

082-0035F Datasheet PDF - Multicomp Pro
Part # 082-0035F
Download  082-0035F Download
File Size   191.81 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description ESD Bench Matting Smooth, Green

082-0035F Datasheet (PDF)

Go To PDF Page Download Datasheet
082-0035F Datasheet PDF - Multicomp Pro

Part # 082-0035F
Download  082-0035F Click to download

File Size   191.81 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description ESD Bench Matting Smooth, Green

082-0035F Datasheet (HTML) - Multicomp Pro


082-0035F Product details

[Description]
Anti-static matting should be laid out in the workshops or advanced laboratories
for microelectronic industries such as electronic semi-conduct devices, electronic
computers, electronic communication equipment and integrated circuits etc.

[Features]
• Great value ESD Bench Matting
• Made from anti-static (conductive) and static-dissipative materials with synthetic rubber
• 2mm thick double-layer structure
• Surface layer is a 0.5mm thick static-dissipative layer
• Bottom layer is a 1.5mm conductive layer
• Asian origin
• Blue and Grey colours also available
Grounding
Sufficient ground cords should be used to reliably meet EN 61340-5-1 Table 3 less than 1×109Ω for working surfaces.
Industry recommendation is that continuous runs of ESD matting should be grounded at 10ft intervals to allow proper charge
decay rates. Each individual ESD mat should be grounded with ground snaps located no further than five feet from either end.
Cleaning
Please note that contact between the matting surface and any acid or alkali solvent is strictly prohibited (such as Benzene,
Alcohol etc), this will result in the antistatic performance wearing away. If cleaning is required, the matting may be wiped with a
cloth coated in a neutral solution (such as water).
Guidance on Use
Matting materials have a tendency to shrink slightly when first unrolled. In applications where length is critical, allow the material
to relax for at least 4 hours before cutting to size. Matting should always be trimmed with a sharp knife or razor blade.
Cutting Tolerances
Width + 6mm
Length + 6mm every linear foot of running material
Test Results
Test Method Unit Value
Surface Resistance / Rtg SJ/T10694-2004 Ω 1×106 ≤ R ≤ 1×109
Bottom Resistance / Rtt SJ/T10694-2004 Ω 1×103 ≤ R ≤ 1×106
Volume Resistance GB/T14437-97 Ω 1×105 ≤ R ≤ 1×108
Thickness YY-1001 mm Permissible Tolerance +0.1
Temperature Resistance YY-1001 °C 180 (Instantaneous Temp.)
Temperature N/A °C 20-26
Relative Humidity N/A % 40-65




Similar Part No. - 082-0035F

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
082-0030F MULTICOMP-082-0030F Datasheet
253Kb / 3P
ESD Bench Matting Textured Finish – Beige
05/08/22
082-0030F2 MULTICOMP-082-0030F2 Datasheet
253Kb / 3P
ESD Bench Matting Textured Finish – Beige
05/08/22
082-0034F MULTICOMP-082-0034F Datasheet
195Kb / 2P
ESD Bench Matting Smooth Finish – Grey
14/07/22
082-0034F2 MULTICOMP-082-0034F2 Datasheet
196Kb / 2P
ESD Bench Matting Smooth Finish – Grey
05/08/22
082-0034F3 MULTICOMP-082-0034F3 Datasheet
195Kb / 2P
ESD Bench Matting Smooth Finish
05/08/22
More results


Similar Description - 082-0035F

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
435-3803 CAMBION-435-3803 Datasheet
141Kb / 2P
Manual Bench Press
logo
Molex Electronics Ltd.
0578277100 MOLEX11-0578277100 Datasheet
38Kb / 1P
IDT Bench-Top Terminator
logo
Power System Technology
FAB0501012 PST-FAB0501012 Datasheet
220Kb / 3P
Test bench
FAB0504009 PST-FAB0504009 Datasheet
210Kb / 3P
Test bench
PST05 PST-PST05 Datasheet
227Kb / 3P
Automobile bench of test
logo
JFW Industries, Inc.
50BR-001 JFW-50BR-001_17 Datasheet
27Kb / 1P
BENCH TOP ROTARY ATTENUATOR
50BR-008 JFW-50BR-008_17 Datasheet
27Kb / 1P
BENCH TOP ROTARY ATTENUATOR
50BR-068 JFW-50BR-068_17 Datasheet
27Kb / 1P
BENCH TOP ROTARY ATTENUATOR
logo
3M Electronics
3200 3M-3200 Datasheet
22Kb / 4P
Safety-Walk™ Wet Area Matting 3200
2001
logo
Molex Electronics Ltd.
0578657000 MOLEX-0578657000 Datasheet
24Kb / 1P
IDT Bench-Top Terminator
10/02/2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com