Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

082-0123 Datasheet (PDF) - Multicomp Pro

082-0123 Datasheet PDF - Multicomp Pro
Part # 082-0123
Download  082-0123 Download
File Size   215.95 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description ESD Bench Matting Smooth 3 layer

082-0123 Datasheet (PDF)

Go To PDF Page Download Datasheet
082-0123 Datasheet PDF - Multicomp Pro

Part # 082-0123
Download  082-0123 Click to download

File Size   215.95 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description ESD Bench Matting Smooth 3 layer

082-0123 Datasheet (HTML) - Multicomp Pro


082-0123 Product details

[Description]
Anti-static matting should be laid out in the workshops or advanced laboratories for microelectronic
industries such as electronic semi-conduct devices, electronic computers, electronic communication
equipment and integrated circuits etc.

[Features]
• Great value ESD Bench Matting
• Made from anti-static (conductive) and static-dissipative materials with synthetic rubber
• 3mm thick double-layer structure
• Surface layer is a 0.5mm thick static-dissipative layer
• Bottom layer is a 1.5mm conductive layer
• Asian origin
Grounding:
Sufficient ground cords should be used to reliably meet EN 61340-5-1 Table 3 less than 1 × 109 ohms for working surfaces.
Industry recommendation is that continuous runs of ESD matting should be grounded at 10ft intervals to allow proper charge
decay rates. Each individual ESD mat should be grounded with ground snaps located no further than five feet from either end.
Cleaning:
Please note that contact between the matting surface and any acid or alkali solvent is strictly prohibited (such as Benzene,
Alcohol etc), this will result in the antistatic performance wearing away. If cleaning is required, the matting may be wiped with a
cloth coated in a neutral solution (such as water).
Guidance on Use:
Matting materials have a tendency to shrink slightly when first unrolled. In applications where length is critical, allow the material
to relax for at least 4 hours before cutting to size. Matting should always be trimmed with a sharp knife or razor blade.
Cutting Tolerances:
Width ±6mm
Length ±6mm every linear foot of running material




Similar Part No. - 082-0123

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
082-0103 MULTICOMP-082-0103 Datasheet
182Kb / 1P
Anti-Fatigue Matting
14/09/22
082-0117 MULTICOMP-082-0117 Datasheet
181Kb / 1P
Black ESD Bench Mat
08/09/22
More results


Similar Description - 082-0123

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDI1394P11 PHILIPS-PDI1394P11 Datasheet
148Kb / 20P
3-port physical layer interface
1999 Apr 09
PDI1394P11A PHILIPS-PDI1394P11A Datasheet
135Kb / 20P
3-port physical layer interface
1999 Mar 10
PDI1394P21 PHILIPS-PDI1394P21 Datasheet
148Kb / 28P
3-port physical layer interface
1999 Jul 09
PDI1394P22 PHILIPS-PDI1394P22 Datasheet
163Kb / 30P
3-port physical layer interface
1999 Jul 09
logo
New Jersey Semi-Conduct...
1N5758 NJSEMI-1N5758 Datasheet
114Kb / 1P
SILICON 3-LAYER BILATERAL TRIGGERS
logo
Glenair, Inc.
107_098 GLENAIR-107_098 Datasheet
63Kb / 1P
ArmorLite Single-Layer ESD Grounding Strap
logo
Red Lion Controls. Inc
EL326-A0-1 REDLION-EL326-A0-1 Datasheet
1Mb / 4P
Layer 3 Industrial Ethernet Switch
logo
Power System Technology
FAB0501012 PST-FAB0501012 Datasheet
220Kb / 3P
Test bench
FAB0504009 PST-FAB0504009 Datasheet
210Kb / 3P
Test bench
logo
3M Electronics
3200 3M-3200 Datasheet
22Kb / 4P
Safety-Walk™ Wet Area Matting 3200
2001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com