Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5195.. Datasheet (PDF) - Multicomp Pro

2N5195.. Datasheet PDF - Multicomp Pro
Part # 2N5195..
Download  2N5195.. Download
File Size   237.78 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Bipolar Transistor

2N5195.. Datasheet (PDF)

Go To PDF Page Download Datasheet
2N5195.. Datasheet PDF - Multicomp Pro

Part # 2N5195..
Download  2N5195.. Click to download

File Size   237.78 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Bipolar Transistor

2N5195.. Datasheet (HTML) - Multicomp Pro


2N5195.. Product details

[Description]
Silicon TO-126 PNP Power Transistor for use in power amplifier
and switching excellent safe area limits.
Absolute Maximum Ratings:
Characteristic Symbol Rating
Collector - Base Voltage Vcbo 80V
Collector - Emitter Voltage Vceo 80V
Emitter - Base Voltage Vebo 5V
Continuous Collector Current Ic 4A
Base Current Ib 1A
Total Device Dissipation (Tc = +25°C) Pd 40W
Derate above 25°C 320mW/°C
Operating Junction Temperature Range Tj -65°C to +150°C
Storage Temperature Range Tstg -65°C to +150°C
Electrical Characteristics (Ta = 25°C unless otherwise specified)
Parameter Symbol Test Conditions Min. Max. Unit
OFF Characteristics
Collector - Emitter Breakdown Voltage V(br)ceo Ic = 100mA, Ib = 0 (Note1) 80 - V
Iceo Vce = 80V, Ie = 0 - 1 mA
Collector Cut-off Current Icbx Vce = 80V, Veb(off) = 1.5V - 0.1 mA
Iceo Vce = 80V, Ie = 0 - 0.1 mA
Emitter Cut-off Current Iebo Veb = 5V, Ic = 0 - 1 mA
ON Characteristics (Note 1)
Vce = 2V, Ic = 1.5A 20 80 -
DC Current Gain hfe
Vce = 2V, Ic = 4A 7 - -
Ic = 1.5A, Ib = 0.15mA - 0.6 V
Collector - Emitter Saturation Voltage Vce(sat)
Ic = 4A, Ib = 1A - 1.4 V
Base - Emitter On Voltage Vbe(on) Ic = 1.5A, Vce = 2V - 1.2 V




Similar Part No. - 2N5195..

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N5195 STMICROELECTRONICS-2N5195 Datasheet
61Kb / 5P
MEDIUM POWER PNP SILICON TRANSISTOR
Jun-1997
logo
ON Semiconductor
2N5195 ONSEMI-2N5195 Datasheet
99Kb / 8P
Silicon PNP Power Transistors(4 AMPERE)
April, 2002 ??Rev. 10
logo
Central Semiconductor C...
2N5195 CENTRAL-2N5195 Datasheet
60Kb / 1P
PNP SILICON TRANSISTOR GENERAL PURPOSE POWER
logo
STMicroelectronics
2N5195 STMICROELECTRONICS-2N5195 Datasheet
122Kb / 5P
MEDIUM POWER PNP SILICON TRANSISTOR
Dec-2000
logo
ON Semiconductor
2N5195 ONSEMI-2N5195 Datasheet
86Kb / 6P
Silicon PNP Power Transistors
October, 2006 ??Rev. 12
More results


Similar Description - 2N5195..

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
Bipolar Transistor
May, 2013
EN2007C ONSEMI-EN2007C Datasheet
354Kb / 7P
Bipolar Transistor
August, 2013
EN2511B ONSEMI-EN2511B Datasheet
385Kb / 9P
Bipolar Transistor
September, 2013
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
Bipolar Transistor
September, 2013
EN6912D ONSEMI-EN6912D Datasheet
424Kb / 10P
Bipolar Transistor
September, 2013
EN6913B ONSEMI-EN6913B Datasheet
436Kb / 10P
Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
Bipolar Transistor
September, 2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com