Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5195.. Datasheet(PDF) 1 Page - Multicomp Pro

Part # 2N5195..
Description  Bipolar Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

2N5195.. Datasheet(HTML) 1 Page - Multicomp Pro

  2N5195.. Datasheet HTML 1Page - Multicomp Pro 2N5195.. Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page <1>
V1.0
11/09/19
Bipolar Transistor
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Description:
Silicon TO-126 PNP Power Transistor for use in power amplifier
and switching excellent safe area limits.
Absolute Maximum Ratings:
Characteristic
Symbol
Rating
Collector - Base Voltage
Vcbo
80V
Collector - Emitter Voltage
Vceo
80V
Emitter - Base Voltage
Vebo
5V
Continuous Collector Current
Ic
4A
Base Current
Ib
1A
Total Device Dissipation (Tc = +25°C)
Derate above 25°C
Pd
40W
320mW/°C
Operating Junction Temperature Range
Tj
-65°C to +150°C
Storage Temperature Range
Tstg
-65°C to +150°C
Parameter
Symbol
Test Conditions
Min.
Max.
Unit
OFF Characteristics
Collector - Emitter Breakdown Voltage
V(br)ceo
Ic = 100mA, Ib = 0 (Note1)
80
-
V
Collector Cut-off Current
Iceo
Vce = 80V, Ie = 0
-
1
mA
Icbx
Vce = 80V, Veb(off) = 1.5V
-
0.1
mA
Iceo
Vce = 80V, Ie = 0
-
0.1
mA
Emitter Cut-off Current
Iebo
Veb = 5V, Ic = 0
-
1
mA
ON Characteristics (Note 1)
DC Current Gain
hfe
Vce = 2V, Ic = 1.5A
20
80
-
Vce = 2V, Ic = 4A
7
-
-
Collector - Emitter Saturation Voltage
Vce(sat)
Ic = 1.5A, Ib = 0.15mA
-
0.6
V
Ic = 4A, Ib = 1A
-
1.4
V
Base - Emitter On Voltage
Vbe(on)
Ic = 1.5A, Vce = 2V
-
1.2
V
Electrical Characteristics (Ta = 25°C unless otherwise specified)


Similar Part No. - 2N5195..

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N5195 STMICROELECTRONICS-2N5195 Datasheet
61Kb / 5P
MEDIUM POWER PNP SILICON TRANSISTOR
Jun-1997
logo
ON Semiconductor
2N5195 ONSEMI-2N5195 Datasheet
99Kb / 8P
Silicon PNP Power Transistors(4 AMPERE)
April, 2002 ??Rev. 10
logo
Central Semiconductor C...
2N5195 CENTRAL-2N5195 Datasheet
60Kb / 1P
PNP SILICON TRANSISTOR GENERAL PURPOSE POWER
logo
STMicroelectronics
2N5195 STMICROELECTRONICS-2N5195 Datasheet
122Kb / 5P
MEDIUM POWER PNP SILICON TRANSISTOR
Dec-2000
logo
ON Semiconductor
2N5195 ONSEMI-2N5195 Datasheet
86Kb / 6P
Silicon PNP Power Transistors
October, 2006 ??Rev. 12
More results

Similar Description - 2N5195..

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
Bipolar Transistor
May, 2013
EN2007C ONSEMI-EN2007C Datasheet
354Kb / 7P
Bipolar Transistor
August, 2013
EN2511B ONSEMI-EN2511B Datasheet
385Kb / 9P
Bipolar Transistor
September, 2013
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
Bipolar Transistor
September, 2013
EN6912D ONSEMI-EN6912D Datasheet
424Kb / 10P
Bipolar Transistor
September, 2013
EN6913B ONSEMI-EN6913B Datasheet
436Kb / 10P
Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
Bipolar Transistor
September, 2013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com