Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM4T18CA Datasheet (PDF) - STMicroelectronics

SM4T18CA Datasheet PDF - STMicroelectronics
Part # SM4T18CA
Download  SM4T18CA Download
File Size   126.01 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TRANSIL

SM4T18CA Datasheet (PDF)

Go To PDF Page Download Datasheet
SM4T18CA Datasheet PDF - STMicroelectronics

Part # SM4T18CA
Download  SM4T18CA Click to download

File Size   126.01 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TRANSIL

SM4T18CA Datasheet (HTML) - STMicroelectronics


SM4T18CA Product details

DESCRIPTION
Transil diodes provide high overvoltage protection by clamping action. Their instantaneous reponse to transients makes them praticularly suited to protect voltage sensitive devices such as MOS Technology and low voltage supplied IC’s.

■ PEAK PULSE POWER= 400 W @ 1ms.
■ BREAKDOWN VOLTAGE RANGE : From 6V8 to 220 V.
■ UNI AND BIDIRECTIONAL TYPES.
■ LOW CLAMPING FACTOR.
■ FAST RESPONSE TIME: Tclamping : 1ps (0 V to VBR).
■ JEDEC REGISTRED. FEATURES




Similar Part No. - SM4T18CA

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SM4T18CA SUNMATE-SM4T18CA Datasheet
651Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SM4T18CA SUNMATE-SM4T18CA Datasheet
392Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
logo
STMicroelectronics
SM4T18CAY STMICROELECTRONICS-SM4T18CAY Datasheet
237Kb / 12P
Automotive 400 W Transil
27-Mar-2012
SM4T18CAY STMICROELECTRONICS-SM4T18CAY Datasheet
642Kb / 14P
Automotive 400 W TVS in SMA
26-Jan-2022
More results


Similar Description - SM4T18CA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA14V2BP6 STMICROELECTRONICS-ESDA14V2BP6 Datasheet
32Kb / 5P
TRANSIL?
Mar-2003
P6KE6V8A STMICROELECTRONICS-P6KE6V8A_04 Datasheet
96Kb / 6P
TRANSIL
Oct-2004
SM2T STMICROELECTRONICS-SM2T_05 Datasheet
54Kb / 6P
TRANSIL?
14-Jan-2005
SMAJ STMICROELECTRONICS-SMAJ Datasheet
152Kb / 6P
TRANSIL
10-Feb-2006
SMBJ5.0A-TR STMICROELECTRONICS-SMBJ5.0A-TR Datasheet
133Kb / 10P
Transil
20-Oct-2010
SM6T56CA STMICROELECTRONICS-SM6T56CA Datasheet
125Kb / 10P
Transil
20-Oct-2010
15KE250CA STMICROELECTRONICS-15KE250CA Datasheet
142Kb / 10P
Transil
12-Mar-2012
BZW04-13 STMICROELECTRONICS-BZW04-13 Datasheet
124Kb / 6P
TRANSIL
Feb-2003
BZW06-28B STMICROELECTRONICS-BZW06-28B Datasheet
176Kb / 6P
TRANSIL
Feb-2003
SMCJ STMICROELECTRONICS-SMCJ Datasheet
129Kb / 10P
Transil?
12-Jul-2010
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com