Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM4T18CA Datasheet(PDF) 4 Page - STMicroelectronics

Part # SM4T18CA
Description  TRANSIL
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM4T18CA Datasheet(HTML) 4 Page - STMicroelectronics

  SM4T18CA Datasheet HTML 1Page - STMicroelectronics SM4T18CA Datasheet HTML 2Page - STMicroelectronics SM4T18CA Datasheet HTML 3Page - STMicroelectronics SM4T18CA Datasheet HTML 4Page - STMicroelectronics SM4T18CA Datasheet HTML 5Page - STMicroelectronics SM4T18CA Datasheet HTML 6Page - STMicroelectronics SM4T18CA Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Pp (W)
0.001
0.01
0.1
1
10
100
10
100
1000
10000
100000
tp (mS ) EXPO.
Tj initial = 25˚C
Figure 2 : Peak pulse power versus exponential pulse duration.
0.1
1
10
100
1000
1
10
100
1000
SM4T 6V8A
SM4T 10A
SM4T 22A
SM4T 39A
SM4T 68A
SM4T 150A
SM4T 220A
V(V)
CL
Ipp (A)
t
%Ipp
100
50
0
t r
t< 10
s
r
t
Tj initial = 25˚C
Figure 3 : Clamping voltage versus peak pulse current.
exponential waveform t = 20
µs ________
t = 1 ms ——————-
t =10 ms
...............
Note : The curves of the figure 3 are specified for a junction temperature of 25
°C before surge.
The given results may be extrapolated for other junction temperatures by using the following formula :
∆V (BR) = αT (V(BR)) * [Ta -25] * V (BR).
For intermediate voltages, extrapolate the given results.
SM4Txx
4/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com