Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2870 Datasheet (PDF) - Analog Devices

LTC2870 Datasheet PDF - Analog Devices
Part # LTC2870
Download  LTC2870 Download
File Size   1203.62 Kbytes
Page   42 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description RS232/RS485 Multiprotocol Transceivers with Integrated Termination

LTC2870 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC2870 Datasheet PDF - Analog Devices

Part # LTC2870
Download  LTC2870 Click to download

File Size   1203.62 Kbytes
Page   42 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description RS232/RS485 Multiprotocol Transceivers with Integrated Termination

LTC2870 Datasheet (HTML) - Analog Devices


LTC2870 Product details

Features
One RS485 and Two RS232 Transceivers
3V to 5.5V Supply Voltage
20Mbps RS485 and 500kbps RS232
Automatic Selection of Integrated RS485 (120Ω)
and RS232 (5kΩ)Termination Resistors
Half-/Full-Duplex RS485 Switching
High ESD: ±26kV (LTC2870), ±16kV (LTC2871)
Logic Loopback Mode
1.7V to 5.5V Logic Interface
Supports Up to 256 RS485 Nodes
RS485 Receiver Failsafe Eliminates UART Lockup
H-Grade Available for the LTC2870 (–40°C to 125°C)
Available in 28-Pin 4mm × 5mm QFN and
TSSOP (LTC2870), and 38-Pin 5mm × 7mm QFN
and TSSOP (LTC2871)




Similar Part No. - LTC2870

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2870 LINER-LTC2870 Datasheet
401Kb / 36P
RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2870 LINER-LTC2870 Datasheet
398Kb / 24P
Complete Isolated RS485/RS422 關Module
logo
Analog Devices
LTC2870 AD-LTC2870 Datasheet
1Mb / 32P
Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
04/18-REV.B
logo
Linear Technology
LTC2870CFEPBF LINER-LTC2870CFEPBF Datasheet
401Kb / 36P
RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2870CUFDPBF LINER-LTC2870CUFDPBF Datasheet
401Kb / 36P
RS232/RS485 Multiprotocol Transceivers with Integrated Termination
More results


Similar Description - LTC2870

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2859 LINER-LTC2859 Datasheet
258Kb / 16P
20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2870 LINER-LTC2870 Datasheet
401Kb / 36P
RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2859IDD LINER-LTC2859IDD Datasheet
259Kb / 16P
20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2859 LINER-LTC2859_15 Datasheet
344Kb / 18P
20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2861 LINER-LTC2861_15 Datasheet
344Kb / 18P
20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC1322 LINER-LTC1322_15 Datasheet
366Kb / 20P
RS232/EIA562/RS485 Transceivers
LTC1335 LINER-LTC1335_15 Datasheet
366Kb / 20P
RS232/EIA562/RS485 Transceivers
LTC2870 LINER-LTC2870_15 Datasheet
1Mb / 42P
RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2871 LINER-LTC2871_15 Datasheet
1Mb / 42P
RS232/RS485 Multiprotocol Transceivers with Integrated Termination
logo
Analog Devices
LTC2873 AD-LTC2873 Datasheet
1Mb / 32P
Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
04/18-REV.B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com