Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5532 Datasheet (PDF) - Analog Devices

MAX5532 Datasheet PDF - Analog Devices
Part # MAX5532
Download  MAX5532 Download
File Size   4689.98 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs

MAX5532 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX5532 Datasheet PDF - Analog Devices

Part # MAX5532
Download  MAX5532 Click to download

File Size   4689.98 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs

MAX5532 Datasheet (HTML) - Analog Devices


MAX5532 Product details

Features
Ultra-Low 5μA Supply Current
Shutdown Mode Reduces Supply Current to0.18μA (max)
Single +1.8V to +5.5V Supply
Small 4mm x 4mm x 0.8mm Thin QFN Package
Internal Reference Sources 8mA of Current(MAX5533/MAX5535)
Flexible Force-Sense-Configured Rail-to-RailOutput Buffers
Fast 16MHz, 3-Wire, SPI-/QSPI-/MICROWIRE-Compatible Serial Interface
TTL- and CMOS-Compatible Digital Inputs withHysteresis
Glitch-Free Outputs During Power-Up




Similar Part No. - MAX5532

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5532 MAXIM-MAX5532 Datasheet
1Mb / 24P
Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
Rev 0; 12/03
MAX5532EUA MAXIM-MAX5532EUA Datasheet
1Mb / 24P
Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
Rev 0; 12/03
MAX5532EUA MAXIM-MAX5532EUA Datasheet
4Mb / 26P
Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
2021
MAX5532 MAXIM-MAX5532_V01 Datasheet
4Mb / 26P
Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
2021
More results


Similar Description - MAX5532

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5154 MAXIM-MAX5154 Datasheet
184Kb / 16P
Low-Power, Dual, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/97
MAX5156 MAXIM-MAX5156 Datasheet
145Kb / 16P
Low-Power, Dual, 12-Bit Voltage-Output DACs with Configurable Outputs
Rev 1; 12/97
MAX5174 MAXIM-MAX5174 Datasheet
255Kb / 16P
Low-Power, Serial, 12-Bit DACs with Voltage Output
Rev 0; 4/99
MAX5512 MAXIM-MAX5512 Datasheet
1Mb / 23P
Dual, Ultra-Low-Power, 8-Bit, Voltage-Output DACs
19-3066; Rev 0; 1/04
MAX5156 MAXIM-MAX5156 Datasheet
145Kb / 16P
Low-Power, Dual, 12-Bit Voltage-Output DACs with Configurable Outputs
Rev 1; 12/97
MAX5533 MAXIM-MAX5533 Datasheet
1Mb / 24P
Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
Rev 0; 12/03
MAX5530 MAXIM-MAX5530 Datasheet
1,010Kb / 19P
ULTRA-LOW POWER, 12-BIT, VOLTAGE-OUTPUT DACS
Rev 0; 1/04
MAX5523EUA MAXIM-MAX5523EUA Datasheet
1Mb / 23P
Dual, Ultra-Low-Power, 10-Bit, Voltage-Output DACs
Rev 1; 12/04
MAX5522 MAXIM-MAX5522 Datasheet
1Mb / 23P
Dual, Ultra-Low-Power, 10-Bit, Voltage-Output DACs
19-3064; Rev 1; 12/04
MAX5532 MAXIM-MAX5532_V01 Datasheet
4Mb / 26P
Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
2021
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com