Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5174 Datasheet (PDF) - Maxim Integrated Products

MAX5174 Datasheet PDF - Maxim Integrated Products
Part # MAX5174
Download  MAX5174 Download
File Size   255.17 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Power, Serial, 12-Bit DACs with Voltage Output

MAX5174 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX5174 Datasheet PDF - Maxim Integrated Products

Part # MAX5174
Download  MAX5174 Click to download

File Size   255.17 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Power, Serial, 12-Bit DACs with Voltage Output

MAX5174 Datasheet (HTML) - Maxim Integrated Products


MAX5174 Product details

General Description
The MAX5174/MAX5176 low-power, serial, voltage-output, 12-bit digital-to-analog converters (DACs) feature a precision output amplifier in a space-saving 16-pin QSOP package. The MAX5174 operates from a single +5V supply, and the MAX5176 operates from a single +3V supply. Both devices draw only 280µA of supply current, which reduces to 1µA in shutdown. In addition, the programmable power-up reset feature allows for a user-selectable output voltage state of either 0 or midscale.

Features
♦ ±1 LSB INL
♦ 1µA Shutdown Current
♦ “Glitch Free” Output Voltage at Power-Up
♦ Single-Supply Operation
   +5V (MAX5174)
   +3V (MAX5176)
♦ Full-Scale Output Range
   +2.048V (MAX5176, VREF = +1.25V)
   +4.096V (MAX5174, VREF = +2.5V )
♦ Rail-to-Rail® Output Amplifier
♦ Adjustable Output Offset
♦ Low THD (-80dB) in Multiplying Operation
♦ SPI/QSPI/MICROWIRE-Compatible 3-Wire Serial
   Interface
♦ Programmable Shutdown Mode and Power-Up
   Reset
♦ Buffered Output Capable of Driving 5kΩ || 100pF
   Loads
♦ User-Programmable Digital Output Pin Allows
   Serial Control of External Components
♦ 14-Bit Upgrades Available (MAX5170/MAX5172)

Applications
   Industrial Process Controls
   Digital Offset and Gain Adjustment
   Motion Control
   Automatic Test Equipment (ATE)
   Remote Industrial Controls
   µP-Controlled Systems




Similar Part No. - MAX5174

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX517 MAXIM-MAX517 Datasheet
178Kb / 16P
2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 0; 5/95
MAX517-MAX519 MAXIM-MAX517-MAX519 Datasheet
178Kb / 16P
2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 0; 5/95
MAX5170 MAXIM-MAX5170 Datasheet
241Kb / 16P
Low-Power, Serial, 14-Bit DACs with Voltage Output
Rev 0; 4/99
MAX5170AEEE MAXIM-MAX5170AEEE Datasheet
241Kb / 16P
Low-Power, Serial, 14-Bit DACs with Voltage Output
Rev 0; 4/99
MAX5170BEEE MAXIM-MAX5170BEEE Datasheet
241Kb / 16P
Low-Power, Serial, 14-Bit DACs with Voltage Output
Rev 0; 4/99
More results


Similar Description - MAX5174

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5154 MAXIM-MAX5154 Datasheet
184Kb / 16P
Low-Power, Dual, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/97
MAX5170 MAXIM-MAX5170 Datasheet
241Kb / 16P
Low-Power, Serial, 14-Bit DACs with Voltage Output
Rev 0; 4/99
MAX5175 MAXIM-MAX5175 Datasheet
255Kb / 16P
Low-Power, Serial, 12-Bit DACs with Force/Sense Voltage Output
Rev 0; 4/99
MAX531 MAXIM-MAX531 Datasheet
207Kb / 16P
5V, Low-Power, Voltage-Output, Serial 12-Bit DACs
Rev 6; 2/97
MAX535 MAXIM-MAX535 Datasheet
144Kb / 16P
Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
logo
Analog Devices
AD5530 AD-AD5530 Datasheet
407Kb / 16P
Serial Input, Voltage Output 12-/14-Bit DACs
REV.0
logo
Maxim Integrated Produc...
MAX5530 MAXIM-MAX5530 Datasheet
1,010Kb / 19P
ULTRA-LOW POWER, 12-BIT, VOLTAGE-OUTPUT DACS
Rev 0; 1/04
MAX5500 MAXIM-MAX5500 Datasheet
219Kb / 14P
Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
MAX5500 MAXIM-MAX5500_09 Datasheet
289Kb / 15P
Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 4/09
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com