Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5175 Datasheet (PDF) - Maxim Integrated Products

MAX5175 Datasheet PDF - Maxim Integrated Products
Part # MAX5175
Download  MAX5175 Download
File Size   255.6 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Power, Serial, 12-Bit DACs with Force/Sense Voltage Output

MAX5175 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX5175 Datasheet PDF - Maxim Integrated Products

Part # MAX5175
Download  MAX5175 Click to download

File Size   255.6 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Power, Serial, 12-Bit DACs with Force/Sense Voltage Output

MAX5175 Datasheet (HTML) - Maxim Integrated Products


MAX5175 Product details

General Description
The MAX5175/MAX5177 low-power, serial, voltage-output, 12-bit digital-to-analog converters (DACs) feature a precision output amplifier in a space-saving 16-pin QSOP package. The MAX5175 operates from a single +5V supply, and the MAX5177 operates from a single +3V supply. The output amplifier’s inverting input is available to allow specific gain configurations, remote sensing, and high output current capability. This makes the MAX5175/MAX5177 ideal for a wide range of applications, including industrial process control. Both devices draw only 260µA of supply current, which reduces to 1µA in shutdown mode. In addition, the programmable power-up reset feature allows for a user selectable output voltage state of either 0 or midscale.

Features
♦ ±1 LSB INL
♦ 1µA Shutdown Current
♦ “Glitch Free” Output Voltage at Power-Up
♦ Single-Supply Operation
    +5V (MAX5175)
    +3V (MAX5177)
♦ Full-Scale Output Range
    +2.048V (MAX5177, VREF = +1.25V)
    +4.096V (MAX5175, VREF = +2.5V)
♦ Rail-to-Rail® Output Amplifier
♦ Adjustable Output Offset
♦ Low THD (-80dB) in Multiplying Operation
♦ SPI/QSPI/MICROWIRE-Compatible 3-Wire Serial Interface
♦ Programmable Shutdown Mode and Power-Up Reset (0 or midscale)
♦ Buffered Output Capable of Driving 4–20mA or 5kΩ || 100pF Loads
♦ User-Programmable Digital Output Pin Allows Serial Control of External Components
♦ 14-Bit Upgrades Available (MAX5171/MAX5173)

Applications
    Digitally Programmable 4–20mA Current Loops
    Industrial Process Controls
    Digital Offset and Gain Adjustment
    Motion Control
    Automatic Test Equipment (ATE)
    Remote Industrial Controls
    µP-Controlled Systems




Similar Part No. - MAX5175

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX517 MAXIM-MAX517 Datasheet
178Kb / 16P
2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 0; 5/95
MAX517-MAX519 MAXIM-MAX517-MAX519 Datasheet
178Kb / 16P
2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 0; 5/95
MAX5170 MAXIM-MAX5170 Datasheet
241Kb / 16P
Low-Power, Serial, 14-Bit DACs with Voltage Output
Rev 0; 4/99
MAX5170AEEE MAXIM-MAX5170AEEE Datasheet
241Kb / 16P
Low-Power, Serial, 14-Bit DACs with Voltage Output
Rev 0; 4/99
MAX5170BEEE MAXIM-MAX5170BEEE Datasheet
241Kb / 16P
Low-Power, Serial, 14-Bit DACs with Voltage Output
Rev 0; 4/99
More results


Similar Description - MAX5175

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5122 MAXIM-MAX5122 Datasheet
285Kb / 20P
5V/3V, 12-Bit, Serial, Force/Sense DACs with 10ppm/째C Internal Reference
Rev 0; 3/99
MAX5154 MAXIM-MAX5154 Datasheet
184Kb / 16P
Low-Power, Dual, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/97
MAX5170 MAXIM-MAX5170 Datasheet
241Kb / 16P
Low-Power, Serial, 14-Bit DACs with Voltage Output
Rev 0; 4/99
MAX5171 MAXIM-MAX5171 Datasheet
256Kb / 16P
Low-Power, Serial, 14-Bit DACs with Force/Sense Voltage Output
Rev 0; 4/99
MAX5174 MAXIM-MAX5174 Datasheet
255Kb / 16P
Low-Power, Serial, 12-Bit DACs with Voltage Output
Rev 0; 4/99
MAX531 MAXIM-MAX531 Datasheet
207Kb / 16P
5V, Low-Power, Voltage-Output, Serial 12-Bit DACs
Rev 6; 2/97
MAX535 MAXIM-MAX535 Datasheet
144Kb / 16P
Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
MAX5500 MAXIM-MAX5500 Datasheet
219Kb / 14P
Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
MAX5500 MAXIM-MAX5500_09 Datasheet
289Kb / 15P
Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 4/09
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com