Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5171 Datasheet (PDF) - Maxim Integrated Products

MAX5171 Datasheet PDF - Maxim Integrated Products
Part # MAX5171
Download  MAX5171 Download
File Size   256.1 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Power, Serial, 14-Bit DACs with Force/Sense Voltage Output

MAX5171 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX5171 Datasheet PDF - Maxim Integrated Products

Part # MAX5171
Download  MAX5171 Click to download

File Size   256.1 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Power, Serial, 14-Bit DACs with Force/Sense Voltage Output

MAX5171 Datasheet (HTML) - Maxim Integrated Products


MAX5171 Product details

General Description
The MAX5171/MAX5173 low-power, serial, voltage-output, 14-bit digital-to-analog converters (DACs) feature a precision output amplifier in a space-saving 16-pin QSOP package. The MAX5171 operates from a +5V single supply, and the MAX5173 operates from a +3V single supply. The output amplifier’s inverting input is available to allow specific gain configurations, remote sensing, and high output current capability.

Features
♦ ±1 LSB INL
♦ 1µA Shutdown Current
♦ “Glitch Free” Output Voltage at Power-Up
♦ Single-Supply Operation: +5V (MAX5171) +3V (MAX5173)
♦ Full-Scale Output Range: +2.048V (MAX5173, VREF = +1.25V) +4.096V (MAX5171, VREF = +2.5V )
♦ Rail-to-Rail® Output Amplifier
♦ Low THD (-80dB) in Multiplying Operation
♦ SPI/QSPI/MICROWIRE-Compatible 3-Wire Serial Interface
♦ Programmable Shutdown Mode and Power-Up Reset
♦ Buffered Output Capable of Driving 5kΩ || 100pF Loads
♦ User-Programmable Digital Output Pin Allows Serial Control of External Components
♦ Pin-Compatible Upgrade to the 12-Bit MAX5175/MAX5177

Applications
    Digitally Programmable 4–20mA Current Loops
    Industrial Process Control
    Digital Offset and Gain Adjustment
    Motion Control
    Automatic Test Equipment (ATE)
    Remote Industrial Controls
    µP-Controlled Systems




Similar Part No. - MAX5171

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX517 MAXIM-MAX517 Datasheet
178Kb / 16P
2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 0; 5/95
MAX517-MAX519 MAXIM-MAX517-MAX519 Datasheet
178Kb / 16P
2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 0; 5/95
MAX5170 MAXIM-MAX5170 Datasheet
241Kb / 16P
Low-Power, Serial, 14-Bit DACs with Voltage Output
Rev 0; 4/99
MAX5170AEEE MAXIM-MAX5170AEEE Datasheet
241Kb / 16P
Low-Power, Serial, 14-Bit DACs with Voltage Output
Rev 0; 4/99
MAX5170BEEE MAXIM-MAX5170BEEE Datasheet
241Kb / 16P
Low-Power, Serial, 14-Bit DACs with Voltage Output
Rev 0; 4/99
More results


Similar Description - MAX5171

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5122 MAXIM-MAX5122 Datasheet
285Kb / 20P
5V/3V, 12-Bit, Serial, Force/Sense DACs with 10ppm/째C Internal Reference
Rev 0; 3/99
MAX5132 MAXIM-MAX5132 Datasheet
280Kb / 20P
5V/3V, 13-Bit, Serial, Force/Sense DACs with 10ppm/째C Internal Reference
Rev 0; 3/99
MAX5170 MAXIM-MAX5170 Datasheet
241Kb / 16P
Low-Power, Serial, 14-Bit DACs with Voltage Output
Rev 0; 4/99
MAX5174 MAXIM-MAX5174 Datasheet
255Kb / 16P
Low-Power, Serial, 12-Bit DACs with Voltage Output
Rev 0; 4/99
MAX5175 MAXIM-MAX5175 Datasheet
255Kb / 16P
Low-Power, Serial, 12-Bit DACs with Force/Sense Voltage Output
Rev 0; 4/99
MAX535 MAXIM-MAX535 Datasheet
144Kb / 16P
Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
MAX544 MAXIM-MAX544 Datasheet
265Kb / 12P
5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 3; 12/99
logo
Analog Devices
AD5530 AD-AD5530 Datasheet
407Kb / 16P
Serial Input, Voltage Output 12-/14-Bit DACs
REV.0
logo
Maxim Integrated Produc...
MAX5753 MAXIM-MAX5753 Datasheet
415Kb / 25P
32-Channel, 14-Bit, Voltage-Output DACs with Serial Interface
19-3593; Rev 0; 11/05
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com