Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2170581 Datasheet (PDF) - Lapp.

2170581 Datasheet PDF - Lapp.
Part # 2170581
Download  2170581 Download
File Size   488.19 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description ETHERLINE® HEAT Cat. 6A FL09YBC11Y 4x2x0.22sn

2170581 Datasheet (PDF)

Go To PDF Page Download Datasheet
2170581 Datasheet PDF - Lapp.

Part # 2170581
Download  2170581 Click to download

File Size   488.19 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description ETHERLINE® HEAT Cat. 6A FL09YBC11Y 4x2x0.22sn

2170581 Datasheet (HTML) - Lapp.


2170581 Product details

Application
Field of use: Flexible Industrial Ethernet cable for generic cable system acc. to ISO/IEC 11801 and EN 50173.
Suitable for occasional flexing. Meeting the transmission requirements of IEC 61156-6, Category 6⌖
and EN 50288-10-2. PROFINET® Type C acc. to the "PROFINET Cabling and Interconnection
Technology" guideline.
Performance: 4-pair, overall braid screened, foil screened pair symmetrical cable (S/FTP), having a nominal
impedance of 100 Ω, supporting a bandwidth of 10 Gbit/s (e.g. 100BASE-T, 1000BASE-T,
2.5GBASE-T, 5GBASE-T, 10GBASE-T) over up to 100 m.
Characteristics: flame retardant, halogen free, heat resistant, oil resistant, UV resistant, abrasion resistant,
mechanical resistant, largely resistant to acids, alkalis and certain oils
Applications: ISO 6722, PROFINET Type C cable for special applications, EtherCAT, EtherNet/IP, PoE (IEEE 802.3af)
and other




Similar Part No. - 2170581

ManufacturerPart #DatasheetDescription
logo
Lapp.
2170583 LAPP-2170583 Datasheet
233Kb / 2P
ETHERLINE® PN Cat.6A Y FC 4x2x23/1AWG
13.01.2020
2170584 LAPP-2170584 Datasheet
239Kb / 2P
ETHERLINE® PN CAT.6A FRNC FC 4x2x23/1 AWG
15.07.2020
2170585 LAPP-2170585 Datasheet
233Kb / 2P
ETHERLINE® HEAT Cat. 6A P FC 4x2x23/1AWG
13.01.2020
More results


Similar Description - 2170581

ManufacturerPart #DatasheetDescription
logo
Lapp.
2170481 LAPP-2170481 Datasheet
308Kb / 2P
ETHERLINE® TORSION Cat. 7
01.01.2019
2170484 LAPP-2170484 Datasheet
269Kb / 2P
ETHERLINE® FD P CAT.6A 4x2xAWG24/7
01.01.2019
2170280 LAPP-2170280 Datasheet
259Kb / 2P
ETHERLINE® H Cat.5¢ 2x2xAWG24
01.01.2019
2170583 LAPP-2170583 Datasheet
233Kb / 2P
ETHERLINE® PN Cat.6A Y FC 4x2x23/1AWG
13.01.2020
2170584 LAPP-2170584 Datasheet
239Kb / 2P
ETHERLINE® PN CAT.6A FRNC FC 4x2x23/1 AWG
15.07.2020
2170636 LAPP-2170636 Datasheet
264Kb / 2P
ETHERLINE® Cat.5e 105 plus
22.05.2018
2170850 LAPP-2170850 Datasheet
241Kb / 2P
ETHERLINE® HEAT Cat. 5e FLOYBC11Y 4x2x0,22sn
01.02.2019
2170888 LAPP-2170888 Datasheet
273Kb / 2P
ETHERLINE® TORSION P CAT.5a
01.01.2019
2170930 LAPP-2170930 Datasheet
274Kb / 2P
ETHERLINE® PN Cat.6A Y FLEX
01.01.2019
UDB2170450 LAPP-UDB2170450 Datasheet
108Kb / 2P
ETHERLINE® TRAY CAT. 5e
January 1, 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com