Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2170585 Datasheet (PDF) - Lapp.

2170585 Datasheet PDF - Lapp.
Part # 2170585
Download  2170585 Download
File Size   233.63 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description ETHERLINE® HEAT Cat. 6A P FC 4x2x23/1AWG

2170585 Datasheet (PDF)

Go To PDF Page Download Datasheet
2170585 Datasheet PDF - Lapp.

Part # 2170585
Download  2170585 Click to download

File Size   233.63 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description ETHERLINE® HEAT Cat. 6A P FC 4x2x23/1AWG

2170585 Datasheet (HTML) - Lapp.


2170585 Product details

Application
Field of use: Installation cable for generic cabling systems acc. to ISO/IEC 11801 and EN 50173
Performance: Bandwidth up to 500 MHz acc. to IEC 61156-5 Category 6A and EN 50288-10-1
Characteristics: Halogen free, flame retardant and abrasion resistant and largely resistant to acids, alkalis and certain oils,
the "Fast Connect" design allows easy stripping and assembly of the cable
Applications: Profinet with 4 pairs, EtherCAT, EtherNet/IP, Power over Ethernet (IEEE 802.3af), Power over Ethernet Plus
(IEEE 802.3at) and many others




Similar Part No. - 2170585

ManufacturerPart #DatasheetDescription
logo
Lapp.
2170581 LAPP-2170581 Datasheet
488Kb / 2P
ETHERLINE® HEAT Cat. 6A FL09YBC11Y 4x2x0.22sn
2023-08-11
2170583 LAPP-2170583 Datasheet
233Kb / 2P
ETHERLINE® PN Cat.6A Y FC 4x2x23/1AWG
13.01.2020
2170584 LAPP-2170584 Datasheet
239Kb / 2P
ETHERLINE® PN CAT.6A FRNC FC 4x2x23/1 AWG
15.07.2020
More results


Similar Description - 2170585

ManufacturerPart #DatasheetDescription
logo
Lapp.
2170484 LAPP-2170484 Datasheet
269Kb / 2P
ETHERLINE® FD P CAT.6A 4x2xAWG24/7
01.01.2019
2170583 LAPP-2170583 Datasheet
233Kb / 2P
ETHERLINE® PN Cat.6A Y FC 4x2x23/1AWG
13.01.2020
2170584 LAPP-2170584 Datasheet
239Kb / 2P
ETHERLINE® PN CAT.6A FRNC FC 4x2x23/1 AWG
15.07.2020
2170850 LAPP-2170850 Datasheet
241Kb / 2P
ETHERLINE® HEAT Cat. 5e FLOYBC11Y 4x2x0,22sn
01.02.2019
2170888 LAPP-2170888 Datasheet
273Kb / 2P
ETHERLINE® TORSION P CAT.5a
01.01.2019
2170889 LAPP-2170889 Datasheet
244Kb / 2P
ETHERLINE® MARINE FRNC FC CAT.5 2x2x22/7 AWG
05.07.2021
2170893 LAPP-2170893 Datasheet
234Kb / 2P
ETHERLINE® Y FC Cat.5 2x2x22/1 AWG
30.03.2021
2170894 LAPP-2170894 Datasheet
240Kb / 2P
ETHERLINE® FD P FC Cat. 5 2x2x22/7 AWG
13.11.2020
2170905 LAPP-2170905 Datasheet
268Kb / 2P
ETHERLINE® FIRE Cat.5e PH120 4x2x23/1AWG
29.05.2018
2170930 LAPP-2170930 Datasheet
274Kb / 2P
ETHERLINE® PN Cat.6A Y FLEX
01.01.2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com