Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUMD4,115 Datasheet (PDF) - Nexperia B.V. All rights reserved

PUMD4,115 Datasheet PDF - Nexperia B.V. All rights reserved
Part # PUMD4,115
Download  PUMD4,115 Download
File Size   761.21 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 50 V, 100 mA NPN/PNP resistor-equipped double transistor

PUMD4,115 Datasheet (PDF)

Go To PDF Page Download Datasheet
PUMD4,115 Datasheet PDF - Nexperia B.V. All rights reserved

Part # PUMD4,115
Download  PUMD4,115 Click to download

File Size   761.21 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 50 V, 100 mA NPN/PNP resistor-equipped double transistor

PUMD4,115 Datasheet (HTML) - Nexperia B.V. All rights reserved


PUMD4,115 Product details

General description
NPN/PNP double Resistor-Equipped Transistor (RET) in a very small SOT363 (SC-88) Surface-
Mounted Device (SMD) plastic package.
NPN/NPN complement: PUMH4
PNP/PNP complement: PUMB4
Features and benefits
• Built-in bias resistors
• Simplified circuit design
• Reduction of component count
• Reduced pick and place costs
Applications
• Low current peripheral driver
• Replacement for general purpose transistors in digital applications
• Controlling IC inputs




Similar Part No. - PUMD4,115

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PUMD4 PHILIPS-PUMD4 Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PUMD4 NXP-PUMD4 Datasheet
138Kb / 8P
NPN/PNP resistor-equipped transistors; R1 = 10 k廓, R2 = open
2003 Oct 10
logo
Nexperia B.V. All right...
PUMD4 NEXPERIA-PUMD4 Datasheet
342Kb / 9P
PNP/PNP resistor-equipped transistors; R1 = 10 kΩ, R2 = open
2003 Oct 15
PUMD4-Q NEXPERIA-PUMD4-Q Datasheet
217Kb / 11P
50 V, 100 mA NPN/PNP resistor-equipped double transistor; R1 = 10 kΩ, R2 = open
28 September 2022
logo
NXP Semiconductors
PUMD48 PHILIPS-PUMD48 Datasheet
64Kb / 12P
NPN/PNP resistor-equipped transistors
1999 Apr 22
More results


Similar Description - PUMD4,115

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PRMB11 NEXPERIA-PRMB11 Datasheet
263Kb / 13P
50 V, 100 mA PNP/PNP Resistor-Equipped double Transistors(RET)
PRMD2 NEXPERIA-PRMD2 Datasheet
288Kb / 14P
50 V, 100 mA NPN/PNP Resistor-Equipped double Transistors(RET)
PRMD3 NEXPERIA-PRMD3 Datasheet
287Kb / 14P
50 V, 100 mA NPN/PNP Resistor-Equipped double Transistors(RET)
PRMD10 NEXPERIA-PRMD10 Datasheet
288Kb / 14P
50 V, 100 mA NPN/PNP Resistor-Equipped double Transistors(RET)
PRMD12 NEXPERIA-PRMD12 Datasheet
288Kb / 14P
50 V, 100 mA NPN/PNP Resistor-Equipped double Transistors(RET)
PRMD13 NEXPERIA-PRMD13 Datasheet
288Kb / 14P
50 V, 100 mA NPN/PNP Resistor-Equipped double Transistors(RET)
PRMD16 NEXPERIA-PRMD16 Datasheet
288Kb / 14P
50 V, 100 mA NPN/PNP Resistor-Equipped double Transistors(RET)
NHUMD10 NEXPERIA-NHUMD10 Datasheet
377Kb / 20P
80 V, 100 mA NPN/PNP resistor-equipped double transistors
Rev. 1 - 24 July 2020
NHUMD10_SER NEXPERIA-NHUMD10_SER Datasheet
377Kb / 20P
80 V, 100 mA NPN/PNP resistor-equipped double transistors
Rev. 1 - 24 July 2020
NHUMD3_SER NEXPERIA-NHUMD3_SER Datasheet
373Kb / 20P
80 V, 100 mA NPN/PNP resistor-equipped double transistors
Rev. 1 - 24 July 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com