Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

154-0140 Datasheet (PDF) - Multicomp Pro

154-0140 Datasheet PDF - Multicomp Pro
Part # 154-0140
Download  154-0140 Download
File Size   194.94 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description ESD Grid Tape

154-0140 Datasheet (PDF)

Go To PDF Page Download Datasheet
154-0140 Datasheet PDF - Multicomp Pro

Part # 154-0140
Download  154-0140 Click to download

File Size   194.94 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description ESD Grid Tape

154-0140 Datasheet (HTML) - Multicomp Pro


154-0140 Product details

[Features]
• Polypropylene self adhesive tape with static dissipative surface
• Supplied on a cardboard core
• The tape is silicone free, with no residues
• The grid pattern includes the ESD logo to EN 61340-5
• Typically used for sealing primary or intimate packaging
Technical Properties MD CD
Tensile Strength 5kg/15mm (minimum) 10kg/15mm (minimum)
Elongation 150% 50%
Resistivity: Antistatic Adhesive Co-Polymer Layer
Resistivity: Conductive Grip Layer
Resistivity: Antistatic Co-Polymer Layer
Resistivity: Charge Decay Time
Total: 49 Microns
Thickness Carrier: 28 Microns
Adhesive: 21 Microns
Peel Adhesion 0.45Kg/15m (minimum)
Temperature Resistance 60°C/140°F (maximum)
Base Material OPP
Notes: Replace regular adhesive tapes with Antistatic tapes complying with EN 61340-5
“All generators of electrostatic charges, such as untreated plastic films, foams, synthetic fibres, adhesive tapes, etc., must be
prohibited and should be kept away from the EPA [ESD protected area].” (EN 61340-5-2 section 6)
“EPA should never have any electrostatic generative adhesive tapes or labels, as these can cause very high potentials when
applied or stripped off.” (EN 61340-5-1 section 7.4)
Test results by chemical method (Unit: mg/kg)
Cadmium (Cd) - not detected Lead (Pb) - not detected
Mercury (Mg) - not detected Hexavalent Chromium (CrVi) - not detected
Polybrominated Biphenyl - not detected Polybrominated Diphenylethers - not detected




Similar Part No. - 154-0140

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
154-0141 MULTICOMP-154-0141 Datasheet
163Kb / 1P
Conductive Brush
09/08/22
More results


Similar Description - 154-0140

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
47020 ETC2-47020 Datasheet
254Kb / 1P
WESCORP ESD HIGH TEMP MASKING TAPE, PAPER CORE
81222 ETC2-81222 Datasheet
144Kb / 1P
WESCORP ESD CELLULOSE TAPE, PAPER CORE
79204 ETC-79204 Datasheet
375Kb / 6P
ESD Tape Applications
logo
3M Electronics
1506R 3M-1506R Datasheet
141Kb / 2P
Venture Tape™ Polyethylene Tape
Apr-2015
1507 3M-1507 Datasheet
271Kb / 2P
Venture Tape™ Line Set Tape & Venture Tape™ Reflective
Jan-2017
1537CW 3M-1537CW Datasheet
248Kb / 2P
Venture Tape™ Facing Tape
Sep-2017
8068E 3M-8068E Datasheet
249Kb / 2P
Grid Air Sealing Tape 8068E
Sep-2016
logo
Bertech.
WCGT BERTECH-WCGT Datasheet
227Kb / 1P
Conductive Grid Tape RoHS Compliant
ESDCT3C BERTECH-ESDCT3C Datasheet
197Kb / 1P
ESD Clear Tape
ESDCT3P BERTECH-ESDCT3P Datasheet
216Kb / 1P
ESD Printed Tape
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com