Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

154-0141 Datasheet (PDF) - Multicomp Pro

154-0141 Datasheet PDF - Multicomp Pro
Part # 154-0141
Download  154-0141 Download
File Size   163.62 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Conductive Brush

154-0141 Datasheet (PDF)

Go To PDF Page Download Datasheet
154-0141 Datasheet PDF - Multicomp Pro

Part # 154-0141
Download  154-0141 Click to download

File Size   163.62 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Conductive Brush

154-0141 Datasheet (HTML) - Multicomp Pro


154-0141 Product details

[Features]
• Conductive handle with conductive nylon bristles
• Suitable for cleaning PCB’s
• Resistivity 104 to 106 Ohms
• Suitable for both abrasion and residue removal
• The handle is made of conductive plastic (104–106Ω) and the comb is made of dissipative plastic (108 – 1010Ω).
• Removes dirt on PCB or other sensitive components, and discharges the static electricity to the ground.
• Brushes minimize static charge generation and dissipates ESD charges to ground when held by grounded personnel.




Similar Part No. - 154-0141

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
154-0140 MULTICOMP-154-0140 Datasheet
194Kb / 1P
ESD Grid Tape
09/08/22
More results


Similar Description - 154-0141

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2101 TI-TPIC2101 Datasheet
251Kb / 18P
DC BRUSH MOTOR CONTROLLER
logo
Rohm
BA6920FP-Y ROHM-BA6920FP-Y_1 Datasheet
160Kb / 5P
Motor driver with DC brush
logo
Mallory performance clu...
3146A MALLORY-3146A Datasheet
44Kb / 2P
REPLACEMENT BRUSH KIT
logo
List of Unclassifed Man...
IG-22GM ETC1-IG-22GM Datasheet
168Kb / 1P
DC CARBON-BRUSH MOTORS
logo
Texas Instruments
TPIC2101 TI1-TPIC2101_12 Datasheet
397Kb / 21P
DC BRUSH MOTOR CONTROLLER
logo
Rohm
BD6210HFP-TR ROHM-BD6210HFP-TR Datasheet
1Mb / 24P
DC Brush Motor Drivers
BD6220F-E2 ROHM-BD6220F-E2 Datasheet
1Mb / 25P
DC Brush Motor Drivers
BD6230F-E2 ROHM-BD6230F-E2 Datasheet
1Mb / 28P
DC Brush Motor Drivers
BD62110AEFJ ROHM-BD62110AEFJ Datasheet
938Kb / 19P
DC Brush Motor Drivers
logo
TE Connectivity Ltd
C-2213365 TEC-C-2213365 Datasheet
526Kb / 4P
DIMMABLE PHOTOCONTROL BRUSH CONTACT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com