Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5173-DEMO Datasheet (PDF) - THAT Corporation All rights reserved.

5173-DEMO Datasheet PDF - THAT Corporation All rights reserved.
Part # 5173-DEMO
Download  5173-DEMO Download
File Size   1061.16 Kbytes
Page   16 Pages
Manufacturer  THAT [THAT Corporation All rights reserved.]
Direct Link  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.
Description Digitally-Controlled Mic Preamp Demonstration Board

5173-DEMO Datasheet (PDF)

Go To PDF Page Download Datasheet
5173-DEMO Datasheet PDF - THAT Corporation All rights reserved.

Part # 5173-DEMO
Download  5173-DEMO Click to download

File Size   1061.16 Kbytes
Page   16 Pages
Manufacturer  THAT [THAT Corporation All rights reserved.]
Direct Link  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.
Description Digitally-Controlled Mic Preamp Demonstration Board

5173-DEMO Datasheet (HTML) - THAT Corporation All rights reserved.


5173-DEMO Product details

FEATURES
•Demonstrates a complete digitally-controlled microphone preamplifier
circuit based on THAT5173 IC
•Controls gain of the 1580 or 1583 microphone preamplifier.
•Balanced audio input/output on XLR and TRS connectors
•Supports pro audio signal levels: +26 dBu (input and output, ±15V supplies)
•Gain adjustable in 3 dB steps from 0 dB to 60 dB
•Easy to use PC Graphical User Interface software
•Generous prototyping area
Description
The THAT 5173-DEMO Digitally-Controlled Mic
Preamp Demo Board allows developers to evaluate
the THAT5173 digital gain controller IC with any
member of the growing family of THAT differential
output microphone preamplifiers. A fully-featured
microphone preamplifier is demonstrated with
phantom power switching and fault protection,
mic/line switching, RFI filtering, and output conditioning.
The board is controlled by a user-friendly
PC graphical user interface over USB.




Similar Part No. - 5173-DEMO

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5173-1C ALPHAWIRE-5173-1C Datasheet
412Kb / 4P
16 (19/.0117) AWG Tinned Copper
More results


Similar Description - 5173-DEMO

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
Digitally Controlled Potentiometer
logo
Vishay Siliconix
SIP11203DB VISHAY-SIP11203DB Datasheet
436Kb / 12P
Demonstration Board
12-Jun-06
logo
Winbond
ISD-ES502 WINBOND-ISD-ES502 Datasheet
242Kb / 7P
Demonstration Board
logo
Intersil Corporation
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
Digitally Controlled Potentiometer
September 26, 2006
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
Digitally Controlled Potentiometer
September 5, 2006
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
Digitally Controlled Potentiometer
July 20, 2009
X9C102P INTERSIL-X9C102P Datasheet
237Kb / 10P
Digitally Controlled Potentiometer
July 20, 2009
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
Digitally Controlled Potentiometer
February 3, 2011
X9319WS8Z INTERSIL-X9319WS8Z Datasheet
333Kb / 8P
Digitally Controlled Potentiometer
July 31, 2014
logo
List of Unclassifed Man...
286S ETC-286S Datasheet
1Mb / 2P
Channel Strip Processor 286s Mic Preamp
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com