Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX38902BATA+ Datasheet (PDF) - Analog Devices

MAX38902BATA+ Datasheet PDF - Analog Devices
Part # MAX38902BATA+
Download  MAX38902BATA+ Download
File Size   572.35 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12μVRMS Low Noise 500mA LDO Linear Regulator

MAX38902BATA+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX38902BATA+ Datasheet PDF - Analog Devices

Part # MAX38902BATA+
Download  MAX38902BATA+ Click to download

File Size   572.35 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12μVRMS Low Noise 500mA LDO Linear Regulator

MAX38902BATA+ Datasheet (HTML) - Analog Devices


MAX38902BATA+ Product details

Benefits and Features
●● 1.7V to 5.5V Input Voltage Range
●● 0.6V to 5.3V Output Voltage Range
●● 12μVRMS Output Noise, 10Hz to 100kHz
●● 365μA Operating Supply Current
●● 70dB PSRR at 10kHz
●● 500mA Maximum Output Current
●● ±1% DC Accuracy Over Load, Line,
and Temperature
●● 100mV (Max) Dropout at 500mA Load (3.6VIN)
●● < 0.1μA Shutdown Supply Current
●● Stable with 2μF(Min) Output Capacitance
●● Programmable Soft-Start Rate
●● Overcurrent and Overtemperature Protection
●● Output-to-Input Reversed Current Protection
●● POK Output
●● 1.22mm x 0.82mm, 2 x 3 Bump, 0.4mm Pitch WLP, or 2mm x 2mm 8-pin TDFN Package




Similar Part No. - MAX38902BATA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX38902BATA+ MAXIM-MAX38902BATA+ Datasheet
505Kb / 12P
12關VRMS Low Noise 500mA LDO Linear Regulator
19-100191; Rev 4; 10/18
More results


Similar Description - MAX38902BATA+

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5209 MICREL-MIC5209 Datasheet
91Kb / 13P
500mA Low-Noise LDO Regulator
logo
BCD Semiconductor Manuf...
AP2213 BCDSEMI-AP2213 Datasheet
292Kb / 21P
500mA LOW NOISE LDO REGULATOR
AP2213 BCDSEMI-AP2213_09 Datasheet
754Kb / 22P
500mA LOW NOISE LDO REGULATOR
logo
Micrel Semiconductor
MIC5209 MICREL-MIC5209_04 Datasheet
1Mb / 13P
500mA Low-Noise LDO Regulator
MIC5209YM-TR MICREL-MIC5209YM-TR Datasheet
1Mb / 13P
500mA Low-Noise LDO Regulator
logo
Maxim Integrated Produc...
MAX38902B MAXIM-MAX38902B Datasheet
451Kb / 13P
12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 11/17
MAX38902C MAXIM-MAX38902C Datasheet
451Kb / 13P
12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 11/17
MAX38902D MAXIM-MAX38902D Datasheet
451Kb / 13P
12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 11/17
MAX25300A MAXIM-MAX25300A Datasheet
468Kb / 16P
12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 6/20
logo
Diodes Incorporated
AP2213 DIODES-AP2213 Datasheet
507Kb / 22P
500mA LOW NOISE LDO REGULATOR
September 2020 Rev. 3 - 2
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com