Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1060ML Datasheet (PDF) - Panasonic Semiconductor

M1060ML Datasheet PDF - Panasonic Semiconductor
Part # M1060ML
Download  M1060ML Download
File Size   3378.23 Kbytes
Page   20 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description High heat resistance and high reliability using metal composite core (MC)

M1060ML Datasheet (PDF)

Go To PDF Page Download Datasheet
M1060ML Datasheet PDF - Panasonic Semiconductor

Part # M1060ML
Download  M1060ML Click to download

File Size   3378.23 Kbytes
Page   20 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description High heat resistance and high reliability using metal composite core (MC)

M1060ML Datasheet (HTML) - Panasonic Semiconductor


M1060ML Product details

Features
● High heat resistance
: Operation up to 150 ℃ including self-heating. (180 ℃ short time*)
* Please contact for possible to use over 150 ℃ condition. Temperature up to 180 ℃ may possibly be used.
● High-reliability : (Fig.1)
: High vibration resistance as result of newly developed Inductance v.s. DC current, Temp.
integral construction; under severe reliability conditions ETQP5M470YFM (reference)
of automotive and other strenuous applications
● High bias current
: Excellent inductance stability using ferrous alloy magnetic material (Fig.1)
● Temp. stability
: Excellent inductance stability over broad temp. range (Fig.1)
● Low audible (buzz) noise
: A gapless structure achieved with metal composite core
● High efficiency
: Low DC resistance of winding and low eddy-current loss of the core
● Shielded construction
● AEC-Q200 compliant
● RoHS compliant




Similar Part No. - M1060ML

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
M1060ML PANASONIC-M1060ML Datasheet
2Mb / 20P
High heat resistance and high reliability using metal composite core (MC)
1-Oct-19
M1060ML PANASONIC-M1060ML Datasheet
4Mb / 19P
High heat resistance and high reliability using metal composite core (MC)
Feb. 2020
M1060ML PANASONIC-M1060ML Datasheet
3Mb / 20P
High heat resistance and high reliability using metal composite core (MC)
29-Nov-24
M1060ML PANASONIC-M1060ML Datasheet
233Kb / 14P
High heat resistance and high reliability Using metal composite core (MC)
Jan. 2019
More results


Similar Description - M1060ML

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RN73H1JT KOA-RN73H1JT Datasheet
88Kb / 2P
precision high heat resistance metal film chip resistor
RN73H2BTTD1002B25 KOA-RN73H2BTTD1002B25 Datasheet
257Kb / 2P
high heat resistance metal film chip resistor
logo
Bourns Electronic Solut...
CM252016-100KL BOURNS-CM252016-100KL Datasheet
372Kb / 9P
High resistance to heat and humidity
CM453232-R10ML BOURNS-CM453232-R10ML Datasheet
305Kb / 7P
High resistance to heat and humidity
logo
Samsung semiconductor
RC3216F512CS SAMSUNG-RC3216F512CS Datasheet
787Kb / 2P
Circuit for high precision resistance and reliability.
logo
KOA Speer Electronics, ...
JT-102 KOA-JT-102 Datasheet
287Kb / 3P
high heat resistance metal film chip resistor
RN73H KOA-RN73H Datasheet
395Kb / 2P
high heat resistance metal film chip resistor
logo
United Chemi-Con, Inc.
EMHB800ARA CHEMI-CON-EMHB800ARA Datasheet
400Kb / 2P
High heat resistance, 125?
EMHJ100ADA CHEMI-CON-EMHJ100ADA Datasheet
67Kb / 1P
High heat resistance, 125?
logo
Suntan Capacitors
TS23 SUNTAN-TS23_17 Datasheet
230Kb / 1P
HIGH RELIABILITY AND STABILITY, COMPACT AND HIGH MOISTURE ??RESISTANCE
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com