Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN73H Datasheet (PDF) - KOA Speer Electronics, Inc.

RN73H Datasheet PDF - KOA Speer Electronics, Inc.
Part # RN73H
Download  RN73H Download
File Size   395.71 Kbytes
Page   2 Pages
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.
Description high heat resistance metal film chip resistor

RN73H Datasheet (PDF)

Go To PDF Page Download Datasheet
RN73H Datasheet PDF - KOA Speer Electronics, Inc.

Part # RN73H
Download  RN73H Click to download

File Size   395.71 Kbytes
Page   2 Pages
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.
Description high heat resistance metal film chip resistor

RN73H Datasheet (HTML) - KOA Speer Electronics, Inc.


RN73H Product details

features
• High precision type ±0.05% is available with standard products
• Improved moisture resistance by glass passivation layer
• High reliability and high stability at elevated temperatures
• Low current noise
• Products with lead-free terminations meet EU RoHS requirements
• Rated ambient temperature: 85°C, rated up to +155°C
• AEC-Q200 Qualified: 0402 (1E), 0603 (1J), 0805 (2A), 1206 (2B), 1210 (2E)




Similar Part No. - RN73H

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RN73H1JT KOA-RN73H1JT Datasheet
88Kb / 2P
precision high heat resistance metal film chip resistor
RN73H1JTTD1002A KOA-RN73H1JTTD1002A Datasheet
88Kb / 2P
precision high heat resistance metal film chip resistor
RN73H1JTTD1002B KOA-RN73H1JTTD1002B Datasheet
88Kb / 2P
precision high heat resistance metal film chip resistor
RN73H1JTTD1002C KOA-RN73H1JTTD1002C Datasheet
88Kb / 2P
precision high heat resistance metal film chip resistor
RN73H1JTTD1002D KOA-RN73H1JTTD1002D Datasheet
88Kb / 2P
precision high heat resistance metal film chip resistor
More results


Similar Description - RN73H

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RN73H1JT KOA-RN73H1JT Datasheet
88Kb / 2P
precision high heat resistance metal film chip resistor
TLR2BDTE KOA-TLR2BDTE Datasheet
89Kb / 4P
Chip-Type Metal Plate Low-Resistance Resistor
logo
IRC - a TT electronics ...
LOB-1R010JLFLT IRCTT-LOB-1R010JLFLT Datasheet
158Kb / 3P
Low Resistance Metal Element Resistor
MH25 IRCTT-MH25 Datasheet
115Kb / 2P
High Voltage Metal Film Resistor
logo
KOA Speer Electronics, ...
RN73H2BTTD1002B25 KOA-RN73H2BTTD1002B25 Datasheet
257Kb / 2P
high heat resistance metal film chip resistor
TLR1EDTP2L00F KOA-TLR1EDTP2L00F Datasheet
281Kb / 2P
metal plate chip type low resistance resistor
JT-102 KOA-JT-102 Datasheet
287Kb / 3P
high heat resistance metal film chip resistor
TLR1E-2A-TLRZ KOA-TLR1E-2A-TLRZ Datasheet
406Kb / 2P
metal plate chip type low resistance resistor
logo
Stackpole Electronics, ...
CSRT-AS SEI-CSRT-AS Datasheet
322Kb / 7P
Anti-sulfur Metal Film Low Resistance Chip Resistor
5/20/2022
HGC SEI-HGC Datasheet
239Kb / 4P
Thick Film Precision High Resistance Chip Resistor
11/18/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com