Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR1091 Datasheet (PDF) - DFROBOT

DFR1091 Datasheet PDF - DFROBOT
Part # DFR1091
Download  DFR1091 Download
File Size   5029.55 Kbytes
Page   13 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Ultimate Performance: The Intel Core i5-1340P processor has 12 cores

DFR1091 Datasheet (PDF)

Go To PDF Page Download Datasheet
DFR1091 Datasheet PDF - DFROBOT

Part # DFR1091
Download  DFR1091 Click to download

File Size   5029.55 Kbytes
Page   13 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Ultimate Performance: The Intel Core i5-1340P processor has 12 cores

DFR1091 Datasheet (HTML) - DFROBOT


DFR1091 Product details

FEATURES
• Ultimate Performance: The Intel Core i5-1340P processor has 12 cores
and 16 threads with a maximum turbo frequency of 4.60 GHz (performancecore)
and 3.4 GHz (efficient-core), making it a powerful and efficient
processor for multitasking and demanding applications.
• Lightning-fast Memory: The dual-channel LPDDR5-6400 RAM with a
capacity of 16GB ensures smooth and fast performance.
• High-level Graphics Capability: as it features the Intel Iris Xe Graphics,
LattePanda Sigma supports multiple display outputs with high resolutions
and refresh rates.
• Quad 4K displays: Experience unparalleled visual clarity with support for
quad 4K displays, bringing your content to life like never before.
• User-friendly Interface Layout: plug and play with ease
• Rich Interfaces: Unlock limitless possibilities with rich interfaces, offering
seamless connectivity and enhanced user experience.
• Diverse OS Support: Support Windows 10, Windows 11, and Ubuntu
operating systems




Similar Part No. - DFR1091

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR1091 DFROBOT-DFR1091 Datasheet
4Mb / 14P
Diverse OS Support: Support Windows 10, Windows 11, and Ubuntu operating systems
More results


Similar Description - DFR1091

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AEC-6635 AAEON-AEC-6635 Datasheet
524Kb / 2P
Fanless Embedded Controller With Intel Core i7/i5 Processor
IMBI-Q57 AAEON-IMBI-Q57 Datasheet
298Kb / 2P
Industrial Motherboard with Intel Core i7/i5/i3 Processor
IMBI-QM57 AAEON-IMBI-QM57 Datasheet
307Kb / 2P
Industrial Motherboard with Intel Core i7/i5 Mobile Processor
logo
List of Unclassifed Man...
ANTARES ETC2-ANTARES Datasheet
300Kb / 2P
High performance ??Intel Core i7/Core i5 processor technology
logo
Protech Systems Co., Lt...
SP-7627 PROTECHSYSTEMS-SP-7627 Datasheet
922Kb / 2P
High Performance Intel 3rd Gen. Core??i5/i3 and Pentium짰 Processor 19
logo
Axiomtek Co., Ltd.
CAPA881 AXIOMTEK-CAPA881 Datasheet
192Kb / 1P
4th Generation Intel Core i7/i5/i3 processor
logo
List of Unclassifed Man...
IPC-I5618M-2W ETC2-IPC-I5618M-2W Datasheet
769Kb / 2P
Intel Core i7/i5/i3 Sandy bridge Processor
IPC-I5619M-2R ETC2-IPC-I5619M-2R Datasheet
655Kb / 2P
Intel Core i7/i5/i3 Sandy bridge Processor
logo
Axiomtek Co., Ltd.
DSB550-880 AXIOMTEK-DSB550-880_17 Datasheet
224Kb / 1P
High Performance Digital Signage Player with 4th Gen Intel Core i5/i3 Processor
logo
Adlink Technology Inc.
IMB-M45H ADLINK-IMB-M45H Datasheet
761Kb / 2P
Industrial ATX Motherboard Intel Core i7/i5/i3 Processor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com