Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR1091 Datasheet (PDF) - DFROBOT

DFR1091 Datasheet PDF - DFROBOT
Part # DFR1091
Download  DFR1091 Download
File Size   5023.25 Kbytes
Page   14 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Diverse OS Support: Support Windows 10, Windows 11, and Ubuntu operating systems

DFR1091 Datasheet (PDF)

Go To PDF Page Download Datasheet
DFR1091 Datasheet PDF - DFROBOT

Part # DFR1091
Download  DFR1091 Click to download

File Size   5023.25 Kbytes
Page   14 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Diverse OS Support: Support Windows 10, Windows 11, and Ubuntu operating systems

DFR1091 Datasheet (HTML) - DFROBOT


DFR1091 Product details

FEATURES
• Ultimate Performance: The Intel Core i5-1340P processor has 12 cores
and 16 threads with a maximum turbo frequency of 4.60 GHz (performance core) and 3.4 GHz (efficient-core), making it a powerful and efficient
processor for multitasking and demanding applications.
• Lightning-fast Memory: The dual-channel LPDDR5-6400 RAM with a
capacity of 16GB ensures smooth and fast performance.
• High-level Graphics Capability: as it features the Intel Iris Xe Graphics,
LattePanda Sigma Single Board Server supports multiple display outputs with
high resolutions and refresh rates.
• Quad 4K displays: Experience unparalleled visual clarity with support for
quad 4K displays, bringing your content to life like never before.
• User-friendly Interface Layout: plug and play with ease
• Rich Interfaces: Unlock limitless possibilities with rich interfaces, offering
seamless connectivity and enhanced user experience.
• Diverse OS Support: Support Windows 10, Windows 11, and Ubuntu
operating systems




Similar Part No. - DFR1091

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR1091 DFROBOT-DFR1091 Datasheet
4Mb / 13P
Ultimate Performance: The Intel Core i5-1340P processor has 12 cores
More results


Similar Description - DFR1091

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AN584 MICROCHIP-AN584 Datasheet
73Kb / 6P
PICMASTER??Support of Microsoft짰 Windows??DDE
1994 - 2002
logo
Axiomtek Co., Ltd.
IPC932-230-FL-ECM AXIOMTEK-IPC932-230-FL-ECM Datasheet
1Mb / 2P
Support IntervalZero Windows real-time extension RTX2012
logo
Maxim Integrated Produc...
DS28E50EVKIT MAXIM-DS28E50EVKIT Datasheet
3Mb / 15P
Software Runs on Windows 10 and Windows 7
Rev 2; 2/19
MAX1231B MAXIM-MAX1231B Datasheet
5Mb / 40P
Windows XP-, Windows Vista-, and Windows 7-Compatible Software
Rev 1; 4/12
MAX9268EVKIT MAXIM-MAX9268EVKIT Datasheet
2Mb / 26P
Windows XP-, Windows Vista-, and Windows 7-Compatible Software
Rev 0; 5/10
MAX9249EVKIT MAXIM-MAX9249EVKIT Datasheet
5Mb / 38P
Windows XP-, Windows Vista-, and Windows 7-Compatible Software
Rev 0; 3/10
MAX14578EVKIT MAXIM-MAX14578EVKIT Datasheet
2Mb / 17P
Windows XP-, Windows Vista-, and Windows 7-Compatible Software
Rev 0; 4/11
MAX11665EVKIT MAXIM-MAX11665EVKIT Datasheet
3Mb / 39P
Windows XP, Windows Vista, and Windows 7-Compatible Software
Rev 0; 6/11
MAX6956EVKIT MAXIM-MAX6956EVKIT Datasheet
830Kb / 16P
Windows 2000/XP-, Windows Vista (32-Bit)- and Windows 10** Compatible Software
2021
logo
Coolgear Inc.
CG-1PRTCANB COOLGEAR-CG-1PRTCANB Datasheet
468Kb / 3P
Single Port USB to CAN Bus 3FT Adapter Support Windows 10
7/15/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com