Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP284-EP Datasheet (PDF) - Analog Devices

OP284-EP Datasheet PDF - Analog Devices
Part # OP284-EP
Download  OP284-EP Download
File Size   252.33 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision RRI0 Dual Operational Amplifier

OP284-EP Datasheet (PDF)

Go To PDF Page Download Datasheet
OP284-EP Datasheet PDF - Analog Devices

Part # OP284-EP
Download  OP284-EP Click to download

File Size   252.33 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision RRI0 Dual Operational Amplifier

OP284-EP Datasheet (HTML) - Analog Devices


OP284-EP Product details

FEATURES
Single-supply operation
Wide bandwidth: 4.25 MHz
Low offset voltage: 100 μV
Unity-gain stable
High slew rate: 4.0 V/μs
Low noise: 3.9 nV/√Hz




Similar Part No. - OP284-EP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP284 AD-OP284 Datasheet
522Kb / 20P
Precision Rail-to-Rail Input & Output Operational Amplifiers
REV.0
OP284 AD-OP284 Datasheet
291Kb / 20P
Precision Rail-to-Rail Input & Output Operational Amplifiers
REV.0
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
Operational Amplifiers
logo
Analog Devices
OP284 AD-OP284 Datasheet
508Kb / 24P
Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
OP284 AD-OP284 Datasheet
248Kb / 5P
Technical Article
More results


Similar Description - OP284-EP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6082 NSC-LMC6082 Datasheet
322Kb / 12P
Precision CMOS Dual Operational Amplifier
logo
Analog Devices
OP-285 AD-OP-285 Datasheet
577Kb / 16P
DUAL, 9MHz PRECISION OPERATIONAL AMPLIFIER
logo
Linear Technology
RH1013M LINER-RH1013M Datasheet
197Kb / 8P
Dual Precision Operational Amplifier
logo
Burr-Brown (TI)
OPA2107 BURR-BROWN-OPA2107 Datasheet
685Kb / 11P
Precision Dual Difet Operational Amplifier
logo
STMicroelectronics
TS512 STMICROELECTRONICS-TS512_08 Datasheet
216Kb / 16P
Precision dual operational amplifier
05-May-2008
logo
New Japan Radio
NJM2739 NJRC-NJM2739 Datasheet
1Mb / 17P
Dual Precision Operational Amplifier
logo
Linear Technology
LT1002 LINER-LT1002_15 Datasheet
189Kb / 16P
Dual, Matched Precision Operational Amplifier
RH1013M LINER-RH1013M_15 Datasheet
119Kb / 6P
Dual Precision Operational Amplifier
logo
Texas Instruments
LT1013 TI1-LT1013 Datasheet
114Kb / 6P
Dual Precision Operational Amplifier
LT1013 TI1-LT1013_16 Datasheet
1Mb / 36P
Dual Precision Operational Amplifier
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com