Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRS3201 Datasheet (PDF) - EIC discrete Semiconductors

MBRS3201 Datasheet PDF - EIC discrete Semiconductors
Part # MBRS3201
Download  MBRS3201 Download
File Size   94.51 Kbytes
Page   2 Pages
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors
Description SCHOTTKY FAST SOFTRECOVERY RECOVERY POWER RECTIFIER

MBRS3201 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBRS3201 Datasheet PDF - EIC discrete Semiconductors

Part # MBRS3201
Download  MBRS3201 Click to download

File Size   94.51 Kbytes
Page   2 Pages
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors
Description SCHOTTKY FAST SOFTRECOVERY RECOVERY POWER RECTIFIER

MBRS3201 Datasheet (HTML) - EIC discrete Semiconductors


MBRS3201 Product details

PRV : 200 Volts
IO : 3.0 Amperes

FEATURES :
* Lower forward voltage than any ultrafast rectifier: V F < 0.59 V at 150 °C
* Fast switching speed
* Soft recovery characteristics
* Highly stable over temperature
* Pb / RoHS Free

MECHANICAL DATA :
* Case : SMC Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Lead Formed for Surface Mount
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.21 gram




Similar Part No. - MBRS3201

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS3201P ONSEMI-MBRS3201P Datasheet
62Kb / 4P
Schottky Fast Soft-Recovery Power Rectifier
August, 2015 ??Rev. 0
MBRS3201T3 ONSEMI-MBRS3201T3 Datasheet
44Kb / 4P
200V, 3A Schottky Fast Soft-Recovery Power Rectifier
October, 2004 ??Rev. 0
MBRS3201T3 ONSEMI-MBRS3201T3 Datasheet
58Kb / 4P
200V, 3A Schottky Fast Soft?뭃ecovery Power Rectifier SMC Power Surface Mount Package
August, 2005 ??Rev. 2
MBRS3201T3G ONSEMI-MBRS3201T3G Datasheet
58Kb / 4P
200V, 3A Schottky Fast Soft?뭃ecovery Power Rectifier SMC Power Surface Mount Package
August, 2005 ??Rev. 2
MBRS3201T3G ONSEMI-MBRS3201T3G Datasheet
130Kb / 4P
Schottky Fast Soft-Recovery Power Rectifier
January, 2012 ??Rev. 3
More results


Similar Description - MBRS3201

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFP06U20DN FAIRCHILD-FFP06U20DN Datasheet
107Kb / 4P
FAST RECOVERY POWER RECTIFIER
FFPF06F20DN FAIRCHILD-FFPF06F20DN Datasheet
117Kb / 4P
FAST RECOVERY POWER RECTIFIER
FFPF06U20DP FAIRCHILD-FFPF06U20DP Datasheet
109Kb / 4P
FAST RECOVERY POWER RECTIFIER
FFPF15U20DP FAIRCHILD-FFPF15U20DP Datasheet
114Kb / 4P
FAST RECOVERY POWER RECTIFIER
logo
Microsemi Corporation
1N5812 MICROSEMI-1N5812 Datasheet
59Kb / 1P
FAST RECOVERY POWER RECTIFIER
logo
ON Semiconductor
MBRS3201T3 ONSEMI-MBRS3201T3 Datasheet
44Kb / 4P
200V, 3A Schottky Fast Soft-Recovery Power Rectifier
October, 2004 ??Rev. 0
MBRS4201T3 ONSEMI-MBRS4201T3_08 Datasheet
96Kb / 4P
200V, 4A Schottky Fast Soft-Recovery Power Rectifier
August, 2008 ??Rev. 4
MBRS3201P ONSEMI-MBRS3201P Datasheet
62Kb / 4P
Schottky Fast Soft-Recovery Power Rectifier
August, 2015 ??Rev. 0
MBRS4201P ONSEMI-MBRS4201P Datasheet
61Kb / 5P
Schottky Fast Soft-Recovery Power Rectifier
August, 2015 ??Rev. 0
MBRS3201T3G ONSEMI-MBRS3201T3G Datasheet
130Kb / 4P
Schottky Fast Soft-Recovery Power Rectifier
January, 2012 ??Rev. 3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com