Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRS3201 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # MBRS3201
Description  SCHOTTKY FAST SOFTRECOVERY RECOVERY POWER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

MBRS3201 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  MBRS3201 Datasheet HTML 1Page - EIC discrete Semiconductors MBRS3201 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBRS3201
SCHOTTKY FAST SOFT-
RECOVERY POWER RECTIFIER
PRV : 200 Volts
IO : 3.0 Amperes
FEATURES :
* Lower forward voltage than any ultrafast
rectifier: VF < 0.59 V at 150 °C
* Fast switching speed
* Soft recovery characteristics
* Highly stable over temperature
* Pb / RoHS Free
MECHANICAL DATA :
* Case : SMC Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Lead Formed for Surface Mount
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.21 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
UNIT
Maximum Repetitive Reverse Voltage
VRRM
V
Maximum Working Peak Reverse Voltage
VRWM
V
Maximum DC Blocking Voltage
VR
V
Maximum Average Rectified Forward Current ( TC = 70 °C )
IF(AV)
A
Maximum Non-Repetitive Peak Surge Current (Surge applied
at rated load conditions half wave, single phase ,60 Hz)
Maximum Instantaneous Forward Voltage (Note 1)
( IF = 3.0 A, TJ = 25 °C)
( IF = 3.0 A, TJ = 150 °C)
Maximum Instantaneous Reverse Current (Note1)
( Rated dc Voltage, TJ = 25 °C)
IR
( Rated dc Voltage, TJ = 150 °C)
IR(H)
Maximum Reverse Recovery Time(IF = 1A, di/dt=100 A/μs,VR = 30 V)
Trr
ns
Thermal Resistance Junction to Ambient
RӨJA
°C/W
Thermal Resistance Junction to Lead
RӨJL
°C/W
Operating Junction Temperature
TJ
°C
Page 1 of 2
Rev. 01 : September 11, 2006
60
35
- 55 to +150
12
mA
IFSM
100
A
0.84
0.59
VF
V
3.0
1.0
5.0
200
RATING
VALUE
200
200
SMC (DO-214AB)
Dimensions in inches and (millimeter)
0.245(6.22)
0.121(3.07)
0.115(2.92)
0.220(5.59)
0.012(0.305)
0.103(2.62)
0.060(1.52)
0.079(2.00)
0.006(0.152)
0.030(0.76)
0.008(0.203)
0.004(0.102)
Certificate TH97/10561QM
Certificate TW00/17276EM


Similar Part No. - MBRS3201

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS3201P ONSEMI-MBRS3201P Datasheet
62Kb / 4P
Schottky Fast Soft-Recovery Power Rectifier
August, 2015 ??Rev. 0
MBRS3201T3 ONSEMI-MBRS3201T3 Datasheet
44Kb / 4P
200V, 3A Schottky Fast Soft-Recovery Power Rectifier
October, 2004 ??Rev. 0
MBRS3201T3 ONSEMI-MBRS3201T3 Datasheet
58Kb / 4P
200V, 3A Schottky Fast Soft?뭃ecovery Power Rectifier SMC Power Surface Mount Package
August, 2005 ??Rev. 2
MBRS3201T3G ONSEMI-MBRS3201T3G Datasheet
58Kb / 4P
200V, 3A Schottky Fast Soft?뭃ecovery Power Rectifier SMC Power Surface Mount Package
August, 2005 ??Rev. 2
MBRS3201T3G ONSEMI-MBRS3201T3G Datasheet
130Kb / 4P
Schottky Fast Soft-Recovery Power Rectifier
January, 2012 ??Rev. 3
More results

Similar Description - MBRS3201

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFP06U20DN FAIRCHILD-FFP06U20DN Datasheet
107Kb / 4P
FAST RECOVERY POWER RECTIFIER
FFPF06F20DN FAIRCHILD-FFPF06F20DN Datasheet
117Kb / 4P
FAST RECOVERY POWER RECTIFIER
FFPF06U20DP FAIRCHILD-FFPF06U20DP Datasheet
109Kb / 4P
FAST RECOVERY POWER RECTIFIER
FFPF15U20DP FAIRCHILD-FFPF15U20DP Datasheet
114Kb / 4P
FAST RECOVERY POWER RECTIFIER
logo
Microsemi Corporation
1N5812 MICROSEMI-1N5812 Datasheet
59Kb / 1P
FAST RECOVERY POWER RECTIFIER
logo
ON Semiconductor
MBRS3201T3 ONSEMI-MBRS3201T3 Datasheet
44Kb / 4P
200V, 3A Schottky Fast Soft-Recovery Power Rectifier
October, 2004 ??Rev. 0
MBRS4201T3 ONSEMI-MBRS4201T3_08 Datasheet
96Kb / 4P
200V, 4A Schottky Fast Soft-Recovery Power Rectifier
August, 2008 ??Rev. 4
MBRS3201P ONSEMI-MBRS3201P Datasheet
62Kb / 4P
Schottky Fast Soft-Recovery Power Rectifier
August, 2015 ??Rev. 0
MBRS4201P ONSEMI-MBRS4201P Datasheet
61Kb / 5P
Schottky Fast Soft-Recovery Power Rectifier
August, 2015 ??Rev. 0
MBRS3201T3G ONSEMI-MBRS3201T3G Datasheet
130Kb / 4P
Schottky Fast Soft-Recovery Power Rectifier
January, 2012 ??Rev. 3
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com