Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

53110050 Datasheet (PDF) - Lapp.

53110050 Datasheet PDF - Lapp.
Part # 53110050
Download  53110050 Download
File Size   171.07 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINTOP® ST-M L-BOXX

53110050 Datasheet (PDF)

Go To PDF Page Download Datasheet
53110050 Datasheet PDF - Lapp.

Part # 53110050
Download  53110050 Click to download

File Size   171.07 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINTOP® ST-M L-BOXX

53110050 Datasheet (HTML) - Lapp.


53110050 Product details

Technical features:
Dimensions of box (WxDxH) 445mm x 358mm x 118mm
Connecting thread of cable glands M12x1,5 up to M32x1,5 acc. to EN 60423
Protection class of cable glands IP66, IP68 (5bar/30min), IP69 acc. to EN 60529
Liquid tight and cord grip acc. to UL514B, CSA C22.2 No.18.3-12
Type 1 and Type 12 acc. to UL50E, CSA C22.2 No. 94.2-15
Strain relief of cable glands Categories A acc. to EN 62444
Temperature range Box: -20°C up to +80°C
Cable gland: -20°C up to +100°C (dynamic)
-40°C up to +100°C (static)




Similar Part No. - 53110050

ManufacturerPart #DatasheetDescription
logo
Wiha Tools
53110 WIHA-53110 Datasheet
5Mb / 44P
PROFESSIONAL SCREWDRIVERS & NUT DRIVERS
53110 WIHA-53110 Datasheet
294Kb / 1P
MicroFinish Non-Slip Grip Slotted Drivers
logo
Festo Corporation.
531101 FESTO-531101 Datasheet
95Kb / 1P
Air preparation combination unit
1/27/22
logo
Aavid, Thermal Division...
531102B00000 AAVID-531102B00000 Datasheet
81Kb / 2P
For use with TO-220 packages
2/25/2003
531102B02500 AAVID-531102B02500 Datasheet
81Kb / 2P
For use with TO-220 packages
2/25/2003
More results


Similar Description - 53110050

ManufacturerPart #DatasheetDescription
logo
Lapp.
53015000 LAPP-53015000 Datasheet
162Kb / 2P
SKINTOP® ST / STR
23.11.2021
53017420 LAPP-53017420 Datasheet
327Kb / 2P
SKINTOP® BT-M
25.11.2021
53111407 LAPP-53111407 Datasheet
114Kb / 2P
SKINTOP® ST-HF-M
25.09.2019
53111600 LAPP-53111600 Datasheet
334Kb / 2P
SKINTOP® BS-M / BSR-M
20.06.2023
53112570 LAPP-53112570 Datasheet
160Kb / 2P
SKINTOP® MS-HF-M
03.07.2018
53112780 LAPP-53112780 Datasheet
104Kb / 2P
SKINTOP® MS-IS-M
03.07.2018
53119000 LAPP-53119000 Datasheet
121Kb / 2P
SKINTOP® GMP-GL-M
19.02.2019
53316220 LAPP-53316220 Datasheet
152Kb / 3P
SKINTOP® DIX-M
08.03.2022
53611001 LAPP-53611001 Datasheet
119Kb / 2P
SKINTOP® DIX-M AUTOMATION
08.11.2021
54113000 LAPP-54113000 Datasheet
86Kb / 1P
SKINTOP® DV-M
03.07.2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com