Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

53112686 Datasheet (PDF) - Lapp.

53112686 Datasheet PDF - Lapp.
Part # 53112686
Download  53112686 Download
File Size   177.18 Kbytes
Page   3 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINTOP CLICK / CLICK-R

53112686 Datasheet (PDF)

Go To PDF Page Download Datasheet
53112686 Datasheet PDF - Lapp.

Part # 53112686
Download  53112686 Click to download

File Size   177.18 Kbytes
Page   3 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINTOP CLICK / CLICK-R

53112686 Datasheet (HTML) - Lapp.


53112686 Product details

Technical features:
Nominal sizes Ø 12, Ø 16, Ø 20, Ø 25, Ø 32
Functional thread Multi-start trapezoidal thread
Protection class Size Ø12: IP68 - 4 bar, test acc. to EN 60529
Sizes Ø16, Ø20, Ø25: IP68 - 5 bar, test acc. to EN 60529
Size Ø32: IP68 - 1 bar, test acc. to EN 60529
Temperature range Dynamic: -20°C up to +100°C
Static: -40°C up to +100°C
Recommended mounting temperature: +20 ± 5°C
Design CLICK Standard
CLICK-R with reducing sealing ring
Colour RAL 7001 silver grey
RAL 7035 light grey
RAL 9005 black (UV-resistant in accordance to ISO 4892-2:2006, method A)




Similar Part No. - 53112686

ManufacturerPart #DatasheetDescription
logo
Lapp.
53112686 LAPP-53112686 Datasheet
323Kb / 2P
SKINTOP® CLICK / CLICK-R
20.06.2023
More results


Similar Description - 53112686

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PA4401 PROTEC-PA4401 Datasheet
115Kb / 7P
Click-Pop Suppression Device
PA4402 PROTEC-PA4402 Datasheet
435Kb / 7P
Click-Pop Suppression Device
PA4402 PROTEC-PA4402_15 Datasheet
429Kb / 7P
CLICK-POP SUPPRESSION DEVICE
logo
STMicroelectronics
AN2855 STMICROELECTRONICS-AN2855 Datasheet
103Kb / 8P
Configuration for single-click
17-Feb-2009
logo
Rosenberger Hochfrequen...
98W005-000 ROSENBERGER-98W005-000 Datasheet
133Kb / 1P
Click Cleaner
logo
Maxim Integrated Produc...
MAX9890 MAXIM-MAX9890 Datasheet
368Kb / 12P
Audio Click-Pop Suppressor
Rev 0; 8/03
MAX9890 MAXIM-MAX9890_V01 Datasheet
1Mb / 12P
Audio Click-Pop Suppressor
19-2932; Rev 4; 5/17
logo
List of Unclassifed Man...
QUAIL ETC-QUAIL Datasheet
1Mb / 5P
click boards meet.NET Micro framework
logo
Lapp.
52109013 LAPP-52109013 Datasheet
175Kb / 2P
SKINTOP® CLICK BLK
20.06.2023
53112686 LAPP-53112686 Datasheet
323Kb / 2P
SKINTOP® CLICK / CLICK-R
20.06.2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com