Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF06332F/4/10 Datasheet (PDF) - Multicomp Pro

CF06332F/4/10 Datasheet PDF - Multicomp Pro
Part # CF06332F/4/10
Download  CF06332F/4/10 Download
File Size   351.47 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description 6.3mm × 32mm Glass Fast Blow Fuses

CF06332F/4/10 Datasheet (PDF)

Go To PDF Page Download Datasheet
CF06332F/4/10 Datasheet PDF - Multicomp Pro

Part # CF06332F/4/10
Download  CF06332F/4/10 Click to download

File Size   351.47 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description 6.3mm × 32mm Glass Fast Blow Fuses

CF06332F/4/10 Datasheet (HTML) - Multicomp Pro


CF06332F/4/10 Product details

[Features]
• Quick blow (F)
• Excellent I2T characteristics
• Welded element for enhanced vibration tolerance
• Glass cartridge, nickel plated brass end caps
• Break capacity-
35A/250V AC - to 1A
100A/250V AC - to 3.5A
200A/250V AC - above 3.5A




Similar Part No. - CF06332F/4/10

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
CF06332F MULTICOMP-CF06332F Datasheet
1Mb / 3P
6.3mm × 32mm (¼” × 1¼”) Glass and Ceramic
21/05/13
More results


Similar Description - CF06332F/4/10

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCFG1QB50 DUBILIER-DBCFG1QB50 Datasheet
104Kb / 1P
FUSES 5x20mm GLASS FUSES - QUICK BLOW
DBCFG1TD50 DUBILIER-DBCFG1TD50 Datasheet
104Kb / 1P
FUSES 5x20mm GLASS FUSES - QUICK BLOW
DBCFG2QB100 DUBILIER-DBCFG2QB100 Datasheet
96Kb / 1P
FUSES 1 x 1 GLASS FUSES - QUICK BLOW
DBCFG2TD100 DUBILIER-DBCFG2TD100 Datasheet
96Kb / 1P
FUSES 1 1/4 x 1/4 GLASS FUSES - QUICK BLOW
DBCFG3QB1 DUBILIER-DBCFG3QB1 Datasheet
75Kb / 1P
FUSES 1 x 1/4 GLASS FUSES - QUICK BLOW
DBCFG3TD1 DUBILIER-DBCFG3TD1 Datasheet
75Kb / 1P
FUSES 1 x 1/4 GLASS FUSES - QUICK BLOW
logo
Protek Devices
PF1206S7 PROTEC-PF1206S7 Datasheet
482Kb / 6P
slow blow chip fuses
PF0603S PROTEC-PF0603S Datasheet
476Kb / 6P
slow blow fuses
PF0603S PROTEC-PF0603S_15 Datasheet
479Kb / 6P
SLOW BLOW FUSES
logo
NTE Electronics
74-3FG100MA NTE-74-3FG100MA Datasheet
466Kb / 1P
Glass Microfuse, Fast Acting&Slow Blow
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com