Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

002706 Datasheet (PDF) - Honeywell Solid State Electronics Center

002706 Datasheet PDF - Honeywell Solid State Electronics Center
Part # 002706
Download  002706 Download
File Size   726.11 Kbytes
Page   5 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description Hydrogen Sulfide (H2S) Intelligent Series Gas Sensor (iseries)

002706 Datasheet (PDF)

Go To PDF Page Download Datasheet
002706 Datasheet PDF - Honeywell Solid State Electronics Center

Part # 002706
Download  002706 Click to download

File Size   726.11 Kbytes
Page   5 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description Hydrogen Sulfide (H2S) Intelligent Series Gas Sensor (iseries)

002706 Datasheet (HTML) - Honeywell Solid State Electronics Center


002706 Product details

Digital interface –
The sensor has a
UART protocol to
communicate with
the instrument with
chip select option
as described in the
Communication
Protocol (SDCS)
Interchangeable –
All intelligent
sensors have the
same dimensions
and communication
protocol. All sensors
in the range will work
with a supply voltage
from 3.1 V to 3.3 V
Digital traceability –
Sensors contain
the following data:
serial number,
manufacturing
date, and gas type
for quick and easy
identification of the
sensor
Pre-calibrated –
Sensors will be
calibrated during
manufacturing and
calibration data is
written in the sensor.
Sensor will output
gas concentration
when interrogated by
instrument
OEM lock – Sensors have two levels
of lock codes. The first one is an OEM
specific code programmed in during
manufacture and cannot be modified.
This lock code is provided by the OEM.
Instrument can check if the sensor has the
unique code – if not the instrument can
refuse the sensor. The second level of lock
code is left blank and can be updated by
OEM/Partners during sensor integration
into the instrument as needed
Predictive
calibration – Sensors
can predict in advance
when its accuracy is
becoming too poor
to give a reliable,
accurate reading
(advanced warning of
when recalibration is
needed).
End-of-life
indication – Sensors
can predict in advance
when its sensitivity is
falling too low to give
a reliable, accurate
reading (advanced
warning for sensor
replacement).
Fault indication –
Intelligent sensors
can detect
several internal
faults like drift/
fault in reference
electrode, electrolyte
concentration out
of range, counter
electrode fault;
therefore notifying
the user to take
corrective actions
Compact form
factor
Five-year life
RoHS compliant
Designed to meet global performance
standards
ATEX and IEC Ex Certified per
EN IEC 60079-0 and EN IEC 60079-11
Designed to meet performance
standards: BS EN 45544-1,
AS/NZS 4641 and ANSI/ISA 92.00.01




Similar Part No. - 002706

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
002705 HONEYWELL-002705 Datasheet
719Kb / 5P
Carbon Monoxide Intelligent Series Gas Sensor (iseries)
5/22
logo
Tyco Electronics
002707-000 MACOM-002707-000 Datasheet
121Kb / 1P
Thermofit Molded parts Specification Control Drawing
logo
Honeywell Solid State E...
002708 HONEYWELL-002708 Datasheet
751Kb / 5P
Oxygen (02) Intelligent Series Gas Sensor (iseries)
11/21
More results


Similar Description - 002706

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TGS821 ETC-TGS821 Datasheet
113Kb / 2P
SPECIAL SENSOR FOR HYDROGEN GAS
logo
Lightel Technologies IN...
LTL-H2-500 LIGHTEL-LTL-H2-500 Datasheet
182Kb / 2P
Hydrogen Gas Generator
logo
Figaro Engineering Inc.
FECS50-100 FIGARO-FECS50-100 Datasheet
382Kb / 2P
Detection of Hydrogen Sulfide
TGS821 FIGARO-TGS821 Datasheet
100Kb / 2P
Special Sensor for Hydrogen Gas
logo
Zhengzhou Winsen Electr...
MH-741A WINSEN-MH-741A Datasheet
624Kb / 8P
Intelligent Infrared Methane Gas Sensor
ME4-H2 WINSEN-ME4-H2 Datasheet
468Kb / 6P
Hydrogen Gas Sensor
MQ136 WINSEN-MQ136 Datasheet
558Kb / 6P
Hydrogen Sulfide Gas Sensor
GM-602B WINSEN-GM-602B Datasheet
834Kb / 7P
MEMS Hydrogen Sulfide/H2S Gas Sensor
ME3-H2S WINSEN-ME3-H2S Datasheet
438Kb / 5P
Electrochemical Hydrogen Sulfide Gas Sensor
ME4-H2S WINSEN-ME4-H2S Datasheet
638Kb / 6P
Hydrogen Sulfide Gas Sensor
More results




About Honeywell Solid State Electronics Center


Honeywell Solid State Electronics Center (SSEC) was a research and development facility of Honeywell Inc. that operated from 1957 to 1993 in Minneapolis, Minnesota, United States. The center was dedicated to the research, development, and production of solid-state electronics, including microelectronics, semiconductors, and related technologies.

During its operation, SSEC made significant contributions to the advancement of the semiconductor industry, particularly in the areas of integrated circuits, transistor design, and fabrication processes. Notable accomplishments of SSEC include the development of the first silicon transistor, the first commercial silicon planar transistor, and the first integrated circuit to use metal oxide semiconductor (MOS) technology.

In 1993, Honeywell closed the SSEC facility as part of a broader restructuring of its operations. The company's semiconductor business was subsequently sold to SGS-Thomson (now STMicroelectronics) in 1999.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com