Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

002708 Datasheet (PDF) - Honeywell Solid State Electronics Center

002708 Datasheet PDF - Honeywell Solid State Electronics Center
Part # 002708
Download  002708 Download
File Size   751.41 Kbytes
Page   5 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description Oxygen (02) Intelligent Series Gas Sensor (iseries)

002708 Datasheet (PDF)

Go To PDF Page Download Datasheet
002708 Datasheet PDF - Honeywell Solid State Electronics Center

Part # 002708
Download  002708 Click to download

File Size   751.41 Kbytes
Page   5 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description Oxygen (02) Intelligent Series Gas Sensor (iseries)

002708 Datasheet (HTML) - Honeywell Solid State Electronics Center


002708 Product details

FEATURES AND BENEFITS
UART
Digital interface –
The sensor has a
UART protocol to
communicate with
the instrument with
chip select option
as described in the
Communication
Protocol (SDCS)
Interchangeable –
All intelligent
sensors have the
same dimensions
and communication
protocol. All sensors
in the range will work
with a supply voltage
from 3.1 V to 3.3 V
Digital traceability –
Sensors contain
the following data:
serial number,
manufacturing
date, and gas type
for quick and easy
identification of the
sensor.
Pre-calibrated –
Sensors will be
calibrated during
manufacturing and
calibration data is
written in the sensor.
Sensor will output
gas concentration
when interrogated by
instrument
OEM lock – Sensors have two levels
of lock codes. The first one is an OEM
specific code programmed in during
manufacture and cannot be modified.
This lock code is provided by the OEM.
Instrument can check if the sensor has the
unique code – if not the instrument can
refuse the sensor. The second level of lock
code is left blank and can be updated by
OEM/Partners during sensor integration
into the instrument as needed
Predictive
calibration – The
recalibration alarm
will be triggered when
the countdown timer
is reached
End-of-life
indication – The
alarm will be flagged
when the sensor
has taken/lost a
considerable amount
of water (electrolyte
concentration is
above or below limits)
Fault indication –
Intelligent sensors
can detect
several internal
faults like drift/
fault in reference
electrode, electrolyte
concentration out
of range, counter
electrode fault;
therefore notifying
the user to take
corrective actions
Compact form
factor
Five-year life
RoHS compliant
Designed to meet global performance
standards
ATEX and IEC Ex Certified per
EN IEC 60079-0 and EN IEC 60079-11
Designed to meet performance
standards: BS EN 50104,
ANSI/ISA 92.04.01 and
AS/NZS 4641-2007




Similar Part No. - 002708

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
002705 HONEYWELL-002705 Datasheet
719Kb / 5P
Carbon Monoxide Intelligent Series Gas Sensor (iseries)
5/22
002706 HONEYWELL-002706 Datasheet
726Kb / 5P
Hydrogen Sulfide (H2S) Intelligent Series Gas Sensor (iseries)
05/22
logo
Tyco Electronics
002707-000 MACOM-002707-000 Datasheet
121Kb / 1P
Thermofit Molded parts Specification Control Drawing
More results


Similar Description - 002708

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
O2-E2 ETC-O2-E2 Datasheet
294Kb / 2P
Oxygen Sensor
logo
Sensortechnics GmbH
ZBXYA025M0 SENSORTECHNICS-ZBXYA025M0 Datasheet
239Kb / 5P
Oxygen sensor interface boards
logo
Fujikura Ltd.
FCX-MP-F-AC FUJIKURA-FCX-MP-F-AC Datasheet
154Kb / 3P
Oxygen sensor module
logo
Hanwei Electronics Grou...
MQ-131 HANWEI-MQ-131 Datasheet
83Kb / 2P
GAS SENSOR
logo
Figaro Engineering Inc.
KDS-25B FIGARO-KDS-25B Datasheet
292Kb / 2P
Maxell Dissolved Oxygen Sensor
SK-25F FIGARO-SK-25F Datasheet
333Kb / 2P
Figaro Oxygen Sensor
logo
Zhengzhou Winsen Electr...
MH-Z16 WINSEN-MH-Z16 Datasheet
835Kb / 8P
Intelligent Infrared Gas Module
MH-741A WINSEN-MH-741A Datasheet
624Kb / 8P
Intelligent Infrared Methane Gas Sensor
ME2-O2-D20 WINSEN-ME2-O2-D20 Datasheet
523Kb / 4P
Electrochemical Oxygen Sensor
logo
Hanwei Electronics Grou...
MQ-2 HANWEI-MQ-2 Datasheet
59Kb / 2P
GAS SENSOR
More results




About Honeywell Solid State Electronics Center


Honeywell Solid State Electronics Center (SSEC) was a research and development facility of Honeywell Inc. that operated from 1957 to 1993 in Minneapolis, Minnesota, United States. The center was dedicated to the research, development, and production of solid-state electronics, including microelectronics, semiconductors, and related technologies.

During its operation, SSEC made significant contributions to the advancement of the semiconductor industry, particularly in the areas of integrated circuits, transistor design, and fabrication processes. Notable accomplishments of SSEC include the development of the first silicon transistor, the first commercial silicon planar transistor, and the first integrated circuit to use metal oxide semiconductor (MOS) technology.

In 1993, Honeywell closed the SSEC facility as part of a broader restructuring of its operations. The company's semiconductor business was subsequently sold to SGS-Thomson (now STMicroelectronics) in 1999.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com