Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CPS Datasheet (PDF) - Honeywell Solid State Electronics Center

2CPS Datasheet PDF - Honeywell Solid State Electronics Center
Part # 2CPS
Download  2CPS Download
File Size   716.88 Kbytes
Page   10 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description Cable Pull Safety Switch

2CPS Datasheet (PDF)

Go To PDF Page Download Datasheet
2CPS Datasheet PDF - Honeywell Solid State Electronics Center

Part # 2CPS
Download  2CPS Click to download

File Size   716.88 Kbytes
Page   10 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description Cable Pull Safety Switch

2CPS Datasheet (HTML) - Honeywell Solid State Electronics Center


2CPS Product details

FEATURES
• Direct opening action of NC
(normally closed) contacts
• 2CPS: 2NO/2NC, 1NO/3NC or 4NC
contact configurations
1CPS: 1NO/1NC, 2NO/2NC, 1NO/3NC or
4NC contact configurations
• Typical cable span of 76 m (250 ft) in an
environment with a temperature change
of ±17 °C (±30 °F). Longer spans are
possible depending upon temperature
change and installation
(ref. note on page 6 for more details or
Application note - Effect of Temperature
on Cable Pull Switch Operation)
• Choice of three actuator configurations
(2CPS)
• Removable contact block version
available (2CPS)
• Large wiring cavity with straightthrough
wiring
• 24 Vdc or 120 Vac bright, multicluster
LED status indicator light available on
2CPS. Single high intensity LED on 1CPS
• Gold-plated contacts are standard on
2CPS, available on 1CPS
• Die-cast zinc housing
• Optional hardware packs available

TYPICAL APPLICATIONS
• Long conveyor systems found in
warehouses and distribution centers
• Conveyor systems having a high amount
of vibration
• Conveyor systems that experience wide
temperature swings
• Long conveyor systems where easy
through wiring, or highly visible trip
status is required
• Hose down conditions
• Packaging equipment
• Assembly lines




Similar Part No. - 2CPS

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
2CPSA1A1 HONEYWELL-2CPSA1A1 Datasheet
1Mb / 15P
MICRO SWITCH Cable-Pull Safety Switches
2CPSA1A1A HONEYWELL-2CPSA1A1A Datasheet
1Mb / 15P
MICRO SWITCH Cable-Pull Safety Switches
2CPSA1A1A-FW HONEYWELL-2CPSA1A1A-FW Datasheet
1Mb / 15P
MICRO SWITCH Cable-Pull Safety Switches
2CPSA1A1B HONEYWELL-2CPSA1A1B Datasheet
1Mb / 15P
MICRO SWITCH Cable-Pull Safety Switches
2CPSA1A2 HONEYWELL-2CPSA1A2 Datasheet
1Mb / 15P
MICRO SWITCH Cable-Pull Safety Switches
More results


Similar Description - 2CPS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H361AWK ETC2-H361AWK Datasheet
492Kb / 2P
Safety Switch
H365NR ETC2-H365NR Datasheet
90Kb / 1P
Safety Switch
HU362 ETC2-HU362 Datasheet
443Kb / 2P
Safety Switch
logo
Pepperl+Fuchs Inc.
VAA-1E-IEI3-READER1-S-V31 PF-VAA-1E-IEI3-READER1-S-V31 Datasheet
149Kb / 1P
Safety Switch
VAA-2E1A-IER1-S-1M-V1 PF-VAA-2E1A-IER1-S-1M-V1 Datasheet
301Kb / 2P
Safety Switch
VAZ-IEI3-TAG1-S PF-VAZ-IEI3-TAG1-S Datasheet
129Kb / 1P
Safety Switch
VAZ-IER1-ACTUATOR1-S PF-VAZ-IER1-ACTUATOR1-S Datasheet
184Kb / 1P
Safety Switch
VAZ-IER2-ACTUATOR2-S PF-VAZ-IER2-ACTUATOR2-S Datasheet
171Kb / 1P
Safety Switch
VAA-2E-IM1-J-S-V1 PF-VAA-2E-IM1-J-S-V1 Datasheet
228Kb / 2P
Safety Switch
2019-01-09
VAA-2E2A-IM1-J-S-V1 PF-VAA-2E2A-IM1-J-S-V1 Datasheet
233Kb / 2P
Safety Switch
2019-01-09
More results




About Honeywell Solid State Electronics Center


Honeywell Solid State Electronics Center (SSEC) was a research and development facility of Honeywell Inc. that operated from 1957 to 1993 in Minneapolis, Minnesota, United States. The center was dedicated to the research, development, and production of solid-state electronics, including microelectronics, semiconductors, and related technologies.

During its operation, SSEC made significant contributions to the advancement of the semiconductor industry, particularly in the areas of integrated circuits, transistor design, and fabrication processes. Notable accomplishments of SSEC include the development of the first silicon transistor, the first commercial silicon planar transistor, and the first integrated circuit to use metal oxide semiconductor (MOS) technology.

In 1993, Honeywell closed the SSEC facility as part of a broader restructuring of its operations. The company's semiconductor business was subsequently sold to SGS-Thomson (now STMicroelectronics) in 1999.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com