Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CPS Datasheet(PDF) 8 Page - Honeywell Solid State Electronics Center

Part # 2CPS
Description  Cable Pull Safety Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

2CPS Datasheet(HTML) 8 Page - Honeywell Solid State Electronics Center

Back Button 2CPS Datasheet HTML 2Page - Honeywell Solid State Electronics Center 2CPS Datasheet HTML 3Page - Honeywell Solid State Electronics Center 2CPS Datasheet HTML 4Page - Honeywell Solid State Electronics Center 2CPS Datasheet HTML 5Page - Honeywell Solid State Electronics Center 2CPS Datasheet HTML 6Page - Honeywell Solid State Electronics Center 2CPS Datasheet HTML 7Page - Honeywell Solid State Electronics Center 2CPS Datasheet HTML 8Page - Honeywell Solid State Electronics Center 2CPS Datasheet HTML 9Page - Honeywell Solid State Electronics Center 2CPS Datasheet HTML 10Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
•
Safety Products for Machine Safeguarding •
© Honeywell International Inc. - April 2003
Hardware packets (available separately)
Listing
Accessory
CLSZC1
Cable - 7,6 m (25 ft) length
CLSZC2
Cable - 15,2 m (50 ft) length
CLSZC3
Cable - 30,5 m (100 ft) length
CLSZC4
Cable - 45,7 m (150 ft) length
CLSZC5
Cable - 61 m (200 ft) length
CLSZC7
Cable - 76,2 m (250 ft) length
CLSZTC
(2) Thimbles
(2) Low-profile Duplex Cable Clamps
CPSZ1S
(1) Draw-bar Endspring
CPSZK1
(1) J-hook Turnbuckle with Lock Nuts
(2) Thimbles
(2) Low-profile Duplex Cable Clamps
(16) Sets of Cable Supports ((16) 1/4-20 Eye Bolts, (32) 1/4-20 Nuts,
(32) Flat Washers, (16) Lock Washers)
CPSLED24
Multicluster LED Accessory - 24 Vdc (conduit mount)
CPSLED120
Multicluster LED Accessory - 120 Vdc (conduit mount)
CPS-BRACKET
Mounting bracket (to be used with 1CPS or 2CPS)
CPSZTB
J-hook turnbuckle with lock nuts (included with 2CPS)
CPSLED
31,75
[1.25]
A
B
C
D
71,88 ±2,54
[2.83 ±0.10]
207,01 ±1,27
[8.15 ±0.05]
227,33 ±12,7
[8.95 ±0.50]
11,43
[0.45]
A
Multi-LED red pilot light
B
1/2-14 NPom Thread
C
18 AWG red PVC insulation
D
18 AWG black PVC insulation
CPS-BRACKET



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com