Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS70-B2GA331KYGKA Datasheet (PDF) - TDK Electronics

CS70-B2GA331KYGKA Datasheet PDF - TDK Electronics
Part # CS70-B2GA331KYGKA
Download  CS70-B2GA331KYGKA Download
File Size   165.74 Kbytes
Page   5 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description High voltage ceramic capacitors, commercial grade, safety standard approved

CS70-B2GA331KYGKA Datasheet (PDF)

Go To PDF Page Download Datasheet
CS70-B2GA331KYGKA Datasheet PDF - TDK Electronics

Part # CS70-B2GA331KYGKA
Download  CS70-B2GA331KYGKA Click to download

File Size   165.74 Kbytes
Page   5 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description High voltage ceramic capacitors, commercial grade, safety standard approved

CS70-B2GA331KYGKA Datasheet (HTML) - TDK Electronics


CS70-B2GA331KYGKA Product details

FEATURES
Compliant with IEC and the safety standards of various countries.
Withstand voltage is 2,600V AC.
Flame-resistant reinforced outer insulation prevents fires, electrical shock, and other potential hazards.
Compatible with halogen-free external resin coating.
APPLICATION
Y capacitor for AC adapter, charger, power supplies




Similar Part No. - CS70-B2GA331KYGKA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CS70-B2GA331KAGKA TDK-CS70-B2GA331KAGKA Datasheet
158Kb / 9P
High Voltage Ceramic Capacitors Automotive Grade, Safety Standard Approved
CS70-B2GA331KAGKA TDK-CS70-B2GA331KAGKA Datasheet
163Kb / 5P
High voltage ceramic capacitors, automotive grade, safety standard approved
20210802
CS70-B2GA331KANKA TDK-CS70-B2GA331KANKA Datasheet
163Kb / 5P
High voltage ceramic capacitors, automotive grade, safety standard approved
20210802
CS70-B2GA331KAVKA TDK-CS70-B2GA331KAVKA Datasheet
163Kb / 5P
High voltage ceramic capacitors, automotive grade, safety standard approved
20210802
More results


Similar Description - CS70-B2GA331KYGKA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EMIY1-VY1 VISHAY-EMIY1-VY1 Datasheet
446Kb / 5P
Ceramic Disc Capacitors Safety Standard Approved Disc Capacitors
14-Mar-08
VY1222M47Y5UQ63V0 VISHAY-VY1222M47Y5UQ63V0 Datasheet
133Kb / 6P
Ceramic Disc Capacitors Safety Standard Approved Disc AC Capacitors
15-Oct-09
logo
TDK Electronics
CD12-E2GA222MYNSA TDK-CD12-E2GA222MYNSA Datasheet
73Kb / 3P
Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CS11-E2GA222MYNSA TDK-CS11-E2GA222MYNSA Datasheet
93Kb / 4P
Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
logo
Murata Manufacturing Co...
DESD32H472KN7A MURATA-DESD32H472KN7A Datasheet
1Mb / 83P
Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE1E3KX332MN5AA01 MURATA-DE1E3KX332MN5AA01 Datasheet
1Mb / 84P
Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
logo
TDK Electronics
CS11ZU2GA472MAGKA TDK-CS11ZU2GA472MAGKA Datasheet
158Kb / 9P
High Voltage Ceramic Capacitors Automotive Grade, Safety Standard Approved
CS45-B2GA101K-GKA TDK-CS45-B2GA101K-GKA Datasheet
168Kb / 10P
High Voltage Ceramic Capacitors Automotive Grade, Safety Standard Approved
CD-SERIES TDK-CD-SERIES Datasheet
58Kb / 4P
High Voltage Ceramic Capacitors Commercial Grade
February 2013
More results




About TDK Electronics


TDK Electronics is a subsidiary of TDK Corporation, a multinational electronics company based in Japan.
TDK Electronics specializes in the design and manufacture of electronic components such as capacitors, inductors, and ferrite beads for use in a wide range of applications including consumer electronics, automobiles, and industrial systems.
The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com