Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XBS024S15 Datasheet (PDF) - Torex Semiconductor

XBS024S15 Datasheet PDF - Torex Semiconductor
Part # XBS024S15
Download  XBS024S15 Download
File Size   72.33 Kbytes
Page   3 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description Schottky Barrier Diode, 200mA, 40V Type

XBS024S15 Datasheet (PDF)

Go To PDF Page Download Datasheet
XBS024S15 Datasheet PDF - Torex Semiconductor

Part # XBS024S15
Download  XBS024S15 Click to download

File Size   72.33 Kbytes
Page   3 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description Schottky Barrier Diode, 200mA, 40V Type

XBS024S15 Datasheet (HTML) - Torex Semiconductor


XBS024S15 Product details

■ FEATURES
   Forward Voltage : VF=0.53V (TYP.)
   Forward Current : IF(AV)=200mA
   Repetitive Peak Reverse Voltage : VRM=40V

■ APPLICATIONS
● Low Current Rectification




Similar Part No. - XBS024S15

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XBS024S15-12 TOREX-XBS024S15-12 Datasheet
94Kb / 3P
Schottky Barrier Diode, 200mA, 40V Type
XBS024S15R TOREX-XBS024S15R Datasheet
94Kb / 3P
Schottky Barrier Diode, 200mA, 40V Type
XBS024S15R-G TOREX-XBS024S15R-G Datasheet
94Kb / 3P
Schottky Barrier Diode, 200mA, 40V Type
XBS024S15R-G TOREX-XBS024S15R-G Datasheet
94Kb / 3P
Schottky Barrier Diode, 200mA, 40V Type
XBS024S15 TOREX-XBS024S15_12 Datasheet
94Kb / 3P
Schottky Barrier Diode, 200mA, 40V Type
More results


Similar Description - XBS024S15

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XBS204S17 TOREX-XBS204S17 Datasheet
77Kb / 3P
Schottky Barrier Diode, 2A, 40V Type
XBS024S15R-G TOREX-XBS024S15R-G Datasheet
94Kb / 3P
Schottky Barrier Diode, 200mA, 40V Type
XBS204S17R-G TOREX-XBS204S17R-G Datasheet
100Kb / 3P
Schottky Barrier Diode, 2A, 40V Type
XBS024S15 TOREX-XBS024S15_12 Datasheet
94Kb / 3P
Schottky Barrier Diode, 200mA, 40V Type
XBS304S17 TOREX-XBS304S17_12 Datasheet
100Kb / 3P
Schottky Barrier Diode, 3A, 40V Type
XBS024S15-12 TOREX-XBS024S15-12 Datasheet
94Kb / 3P
Schottky Barrier Diode, 200mA, 40V Type
XBS304S17-12 TOREX-XBS304S17-12 Datasheet
100Kb / 3P
Schottky Barrier Diode, 3A, 40V Type
XBS304F11R-G TOREX-XBS304F11R-G Datasheet
223Kb / 5P
Schottky Barrier Diode, 3A, 40V Type
logo
SeCoS Halbleitertechnol...
SCS540DSTN SECOS-SCS540DSTN Datasheet
302Kb / 2P
40V, 200mA Small Signal Schottky Diode
logo
Torex Semiconductor
XBS023P11R-G TOREX-XBS023P11R-G Datasheet
225Kb / 5P
Schottky Barrier Diode, 200mA, 30V Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com