Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS540DSTN Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SCS540DSTN Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SCS540DSTN
Download  SCS540DSTN Download
File Size   302.59 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 40V, 200mA Small Signal Schottky Diode

SCS540DSTN Datasheet (PDF)

Go To PDF Page Download Datasheet
SCS540DSTN Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SCS540DSTN
Download  SCS540DSTN Click to download

File Size   302.59 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 40V, 200mA Small Signal Schottky Diode

SCS540DSTN Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - SCS540DSTN

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS540DSTN-C SECOS-SCS540DSTN-C Datasheet
165Kb / 2P
Small Signal Schottky Diode
More results


Similar Description - SCS540DSTN

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XBS024S15 TOREX-XBS024S15 Datasheet
72Kb / 3P
Schottky Barrier Diode, 200mA, 40V Type
logo
Frontier Electronics.
ASD723-LFR FRONTIER-ASD723-LFR Datasheet
119Kb / 2P
200mA Advanced Schottky Barrier Diode (Surface mount small signal type)
logo
Formosa MS
BAS40WS FORMOSA-BAS40WS_10 Datasheet
169Kb / 7P
200mA Surface Mount Small Signal Schottky Diode-40V
FM501V-NL FORMOSA-FM501V-NL Datasheet
97Kb / 7P
100mA Surface Mount Small Signal Schottky Diode-40V
FM723-NL FORMOSA-FM723-NL Datasheet
91Kb / 7P
200mA Surface Mount Small Signal Schottky Diode-30V
FM751V-FL FORMOSA-FM751V-FL Datasheet
107Kb / 7P
30mA Surface Mount Small Signal Schottky Diode- 40V
FM751V-NL FORMOSA-FM751V-NL Datasheet
469Kb / 7P
30mA Surface Mount Small Signal Schottky Diode- 40V
logo
Torex Semiconductor
XBS024S15R-G TOREX-XBS024S15R-G Datasheet
94Kb / 3P
Schottky Barrier Diode, 200mA, 40V Type
XBS024S15 TOREX-XBS024S15_12 Datasheet
94Kb / 3P
Schottky Barrier Diode, 200mA, 40V Type
XBS024S15-12 TOREX-XBS024S15-12 Datasheet
94Kb / 3P
Schottky Barrier Diode, 200mA, 40V Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com