Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XBS104S13 Datasheet (PDF) - Torex Semiconductor

XBS104S13 Datasheet PDF - Torex Semiconductor
Part # XBS104S13
Download  XBS104S13 Download
File Size   74.83 Kbytes
Page   3 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description Schottky Barrier Diode, 1A, 40V Type

XBS104S13 Datasheet (PDF)

Go To PDF Page Download Datasheet
XBS104S13 Datasheet PDF - Torex Semiconductor

Part # XBS104S13
Download  XBS104S13 Click to download

File Size   74.83 Kbytes
Page   3 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description Schottky Barrier Diode, 1A, 40V Type

XBS104S13 Datasheet (HTML) - Torex Semiconductor


XBS104S13 Product details

■ FEATURES
   Forward Voltage : VF=0.49V (TYP.)
   Forward Current : IF(AV)=1A
   Repetitive Peak Reverse Voltage : VRM=40V

■ APPLICATIONS
● Rectification
● Protection against reverse connection of battery




Similar Part No. - XBS104S13

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XBS104S13-12 TOREX-XBS104S13-12 Datasheet
97Kb / 3P
Schottky Barrier Diode, 1A, 40V Type
XBS104S13R TOREX-XBS104S13R Datasheet
97Kb / 3P
Schottky Barrier Diode, 1A, 40V Type
XBS104S13R-G TOREX-XBS104S13R-G Datasheet
97Kb / 3P
Schottky Barrier Diode, 1A, 40V Type
XBS104S13R-G TOREX-XBS104S13R-G Datasheet
97Kb / 3P
Schottky Barrier Diode, 1A, 40V Type
XBS104S13 TOREX-XBS104S13_12 Datasheet
97Kb / 3P
Schottky Barrier Diode, 1A, 40V Type
More results


Similar Description - XBS104S13

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XB01SB04A2BR TOREX-XB01SB04A2BR Datasheet
112Kb / 4P
Schottky Barrier Diode 1A, 40V Type
XBS104S14 TOREX-XBS104S14 Datasheet
70Kb / 3P
Schottky Barrier Diode, 1A, 40V, SOD-123A Package
XBS104V14 TOREX-XBS104V14 Datasheet
73Kb / 3P
Schottky Barrier Diode, 1A, 40V Type
XBS104S13R-G TOREX-XBS104S13R-G Datasheet
97Kb / 3P
Schottky Barrier Diode, 1A, 40V Type
XBS104V14 TOREX-XBS104V14_12 Datasheet
95Kb / 3P
Schottky Barrier Diode, 1A, 40V Type
XBS104S13 TOREX-XBS104S13_12 Datasheet
97Kb / 3P
Schottky Barrier Diode, 1A, 40V Type
XBS104S13-12 TOREX-XBS104S13-12 Datasheet
97Kb / 3P
Schottky Barrier Diode, 1A, 40V Type
XBS104V14-12 TOREX-XBS104V14-12 Datasheet
95Kb / 3P
Schottky Barrier Diode, 1A, 40V Type
XBS104P11R-G TOREX-XBS104P11R-G Datasheet
185Kb / 5P
Schottky Barrier Diode, 1A, 40V Type
logo
SeCoS Halbleitertechnol...
SK140LFL SECOS-SK140LFL Datasheet
296Kb / 2P
40V, 1A Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com