Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST19GF34 Datasheet (PDF) - STMicroelectronics

ST19GF34 Datasheet PDF - STMicroelectronics
Part # ST19GF34
Download  ST19GF34 Download
File Size   26.03 Kbytes
Page   2 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Smartcard MCU With 34 KBytes EEPROM

ST19GF34 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST19GF34 Datasheet PDF - STMicroelectronics

Part # ST19GF34
Download  ST19GF34 Click to download

File Size   26.03 Kbytes
Page   2 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Smartcard MCU With 34 KBytes EEPROM

ST19GF34 Datasheet (HTML) - STMicroelectronics


ST19GF34 Product details

Features
■ ENHANCED 8 BIT CPU WITH EXTENDED ADDRESSING MODES
■ USER ROM WITH PARTITIONING
■ 56 K BYTES OF SYSTEM ROM
■ 1984BYTES OF USER RAM WITH PARTITIONING
■ 34 K BYTES OF USER EEPROM WITH
■ PARTITIONING
■ Highly reliable CMOS EEPROM submicron
■ technology
■ 10 years data retention
■ 100,000 Erase/Write cycles endurance
■ Separate Write and Erase cycles for fast "1"
■ programming
■ 1 to 64 bytes Erase or Program
■ Full support of GSM Toolkit and Javacard implementation
■ SECURITY FIREWALLS FOR MEMORIES
■ VERY HIGH SECURITY FEATURES INCLUDING EEPROM FLASH PROGRAM
■ 8 BIT TIMER WITH INTERRUPT CAPABILITY
■ 2 SERIAL ACCESS, ISO 7816-3 COMPATIBLE
■ 3V ± 10% or 5V ± 10% SUPPLY VOLTAGE
■ POWER SAVING STANDBY MODE
■ CONTACT ASSIGNMENT COMPATIBLE ISO 7816-2
■ ESD PROTECTION GREATER THAN 5000V 4 4 4 4 Micromodule (D4) Wafer October 1999




Similar Part No. - ST19GF34

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST1900C IRF-ST1900C Datasheet
173Kb / 7P
PHASE CONTROL THYRISTORS Hockey Puk Version
logo
Stanson Technology
ST1937 STANSON-ST1937 Datasheet
202Kb / 6P
DC-DC Step-Up Converter for White LED Driver
ST1937S25RG STANSON-ST1937S25RG Datasheet
202Kb / 6P
DC-DC Step-Up Converter for White LED Driver
ST1937S35RG STANSON-ST1937S35RG Datasheet
202Kb / 6P
DC-DC Step-Up Converter for White LED Driver
ST1938 STANSON-ST1938 Datasheet
151Kb / 5P
DC-DC Step-Up Converter for White LED Driver
More results


Similar Description - ST19GF34

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST19SF08 STMICROELECTRONICS-ST19SF08 Datasheet
27Kb / 2P
Smartcard MCU With 8 KBytes EEPROM
ST19SF16 STMICROELECTRONICS-ST19SF16 Datasheet
27Kb / 2P
Smartcard MCU With 16 KBytes EEPROM
ST19SF32 STMICROELECTRONICS-ST19SF32 Datasheet
27Kb / 2P
Smartcard MCU With 32 KBytes EEPROM
ST19SF64 STMICROELECTRONICS-ST19SF64 Datasheet
27Kb / 2P
Smartcard MCU With 64 KBytes EEPROM
ST19NM34 STMICROELECTRONICS-ST19NM34 Datasheet
44Kb / 3P
Smartcard MCU With 34 Kbytes High Density EEPROM
Dec-2004
ST19WS04 STMICROELECTRONICS-ST19WS04 Datasheet
51Kb / 3P
Smartcard MCU With 4 Kbytes EEPROM
Sep-2004
ST19WSC8 STMICROELECTRONICS-ST19WSC8 Datasheet
51Kb / 3P
Smartcard MCU With 8 Kbytes EEPROM
May-2004
ST19XS08 STMICROELECTRONICS-ST19XS08 Datasheet
164Kb / 4P
Smartcard MCU With 8 Kbytes EEPROM
Sep-2002
ST19WG18 STMICROELECTRONICS-ST19WG18 Datasheet
42Kb / 3P
Smartcard MCU With 18, 34, 66 Kbytes High Density EEPROM
2004-Apr
ST19WS02 STMICROELECTRONICS-ST19WS02 Datasheet
41Kb / 3P
Smartcard MCU With 2 Kbytes EEPROM
Sep-2004
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com