Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST19GF34 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST19GF34
Description  Smartcard MCU With 34 KBytes EEPROM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST19GF34 Datasheet(HTML) 2 Page - STMicroelectronics

  ST19GF34 Datasheet HTML 1Page - STMicroelectronics ST19GF34 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ST19GF34
2/2
HARDWARE DESCRIPTION
The ST19GF34, a member of the ST19 device
family, is a serial access microcontroller especially
designed for very large volume and cost competi-
tive secure portable objects.
The ST19GF34 is based on a STMicroelectronics
8 bit CPU core including on-chip memories: 1984
Bytes of RAM, 56 K Bytes of USER ROM and 34
K Bytes of EEPROM.
RAM, ROM and EEPROM memories can be con-
figured into partitions. Access rules from any
memory partition to another partition are setup by
the user defined Memory Access Control Logic.
It is manufactured using the highly reliable ST
technology.
As all other ST19 family members, it is fully com-
patible with the ISO standards for Smartcard appli-
cations.
SOFTWARE DESCRIPTION
Software development and firmware (ROM code/
options) generation are completed by the ST16-19
HDSE development system.
Figure 1. Block Diagram
SCP 101b/DS
INTERNAL BUS
RESET
SERIAL
I/O
INTER-
FACE
8 BIT
CPU
8 BIT
TIMER
CLOCK
GENERA-
TOR
MODULE
UNPRE-
DICTABLE
NUMBER
GENERATOR
RAM
EEPROM
USER
ROM
SYSTEM ROM
FIREWALL
MEMORY ACCESS FIREWALL
CLK
I/O
GND
Vcc
SYSTEM ROM
SECURITY
ADMINISTRATOR
1984
Bytes
34 K
Bytes
56 K
Bytes



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com