Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRK-MPC5604P Datasheet (PDF) - NXP Semiconductors

TRK-MPC5604P Datasheet PDF - NXP Semiconductors
Part # TRK-MPC5604P
Download  TRK-MPC5604P Download
File Size   1813.42 Kbytes
Page   37 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description P&E Microcomputer Systems

TRK-MPC5604P Datasheet (PDF)

Go To PDF Page Download Datasheet
TRK-MPC5604P Datasheet PDF - NXP Semiconductors

Part # TRK-MPC5604P
Download  TRK-MPC5604P Click to download

File Size   1813.42 Kbytes
Page   37 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description P&E Microcomputer Systems

TRK-MPC5604P Datasheet (HTML) - NXP Semiconductors


TRK-MPC5604P Product details

Overview
The TRK-MPC5604P is a low-cost development system supporting Freescale
MPC5604P microcontrollers in 144LQFP packages. The Embedded OSJTAG
circuitry on the TRK-MPC5604P board allows the processor on the board to
be debugged and programmed via USB from a PC. In addition, the demo
board can be powered using the USB bus.
HARDWARE FEATURES
The TRK-MPC5604P is a demonstration and development system for
Freescale’s MPC5604P microcontrollers in 144LQFP packages. Application
development is quick and easy using Embedded OSJTAG. An optional 14-pin
JTAG port is provided to allow the use of an external Qorivva MPC55xx/56xx
interface such as P&E’s USB Multilink or Cyclone MAX automated
programmer. P&E’s USB Multilink provides faster communication speeds and
can be used to debug both the TRK-MPC5604P and the user’s own targets.
TRK-MPC5604P Board Features
• Soldered MPC5604P LQFP144 device
• Access to MCU pins with standard headers
• Embedded OSJTAG: USB to JTAG circuitry which allows host PC to
communicate with the microcontroller through USB 2.0.
• On-board Virtual Serial Port
• ON/OFF Power Switch w/ LED indicator
• A 9VDC to 12VDC power supply input barrel connector
• Power Input Selection Jumpers for selecting the input voltage source:
• Power Input from USB Connector
• Power Input from DC Power Jack
• Freescale MC3390x
• External LDO power circuitry
• Oprerating Voltage Selection Jumpers for selecting operating voltage
source:
• 5V




Similar Part No. - TRK-MPC5604P

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
TRK-MPC5606B FREESCALE-TRK-MPC5606B Datasheet
243Kb / 2P
Qorivva MPC560xB/C/D Family
More results


Similar Description - TRK-MPC5604P

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LU850425 SHARP-LU850425 Datasheet
125Kb / 15P
8-bit Microcomputer for DSP Camera Systems
logo
Sanyo Semicon Device
LM6405G SANYO-LM6405G Datasheet
644Kb / 15P
N CHANNEL E/D MOS LSI 4 BIT MICROCOMPUTER
logo
List of Unclassifed Man...
SSM4435 ETC1-SSM4435 Datasheet
481Kb / 7P
P -Channel E nhancement Mode MOS F E T
logo
Toshiba Semiconductor
PN410106 TOSHIBA-PN410106 Datasheet
1Mb / 61P
Microcomputers / Microcomputer Development Systems
01-Jun-2010
logo
Micross Components
HMC247 MICROSS-HMC247 Datasheet
1Mb / 15P
E-Band Communications Systems
logo
Analog Devices
HMC1081 AD-HMC1081 Datasheet
460Kb / 8P
E-Band Communications Systems
HMC-ALH509 AD-HMC-ALH509 Datasheet
295Kb / 6P
E-Band Communication Systems
HMC-MDB277 AD-HMC-MDB277 Datasheet
209Kb / 4P
FCC E-Band Communication Systems
HMC1057 AD-HMC1057 Datasheet
1Mb / 12P
E-Band Communications Systems
logo
Shanghai Leiditech Elec...
LMT20V3 LEIDITECH-LMT20V3 Datasheet
506Kb / 3P
P-Channel MOSF E T
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com