Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS01506MS-WP-LW100-R Datasheet (PDF) - PUI audio inc.

AS01506MS-WP-LW100-R Datasheet PDF - PUI audio inc.
Part # AS01506MS-WP-LW100-R
Download  AS01506MS-WP-LW100-R Download
File Size   485.77 Kbytes
Page   5 Pages
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.
Description 93 dB output (2.45V @ 10cm)

AS01506MS-WP-LW100-R Datasheet (PDF)

Go To PDF Page Download Datasheet
AS01506MS-WP-LW100-R Datasheet PDF - PUI audio inc.

Part # AS01506MS-WP-LW100-R
Download  AS01506MS-WP-LW100-R Click to download

File Size   485.77 Kbytes
Page   5 Pages
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.
Description 93 dB output (2.45V @ 10cm)

AS01506MS-WP-LW100-R Datasheet (HTML) - PUI audio inc.


AS01506MS-WP-LW100-R Product details

Features:
• PEEK diaphragm for flat frequency response
• 93 dB output (2.45V @ 10cm)
• High-energy neodymium motor
• Dustproof and waterproof IP67-rated face
• Double-sided tape, integrated grill, and rear foam pad
• 100mm lead wires for quick electrical connection

Description
Released from Engineering
Update PUI Logo, Revised Power Ratings, Update Drawing




Similar Part No. - AS01506MS-WP-LW100-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
AS01506MS-SC11-WP-R PUIAUDIO-AS01506MS-SC11-WP-R Datasheet
685Kb / 5P
PEEK diaphragm for flat frequency response
AS01506MS-SC15-WP-R PUIAUDIO-AS01506MS-SC15-WP-R Datasheet
687Kb / 5P
PEEK diaphragm for flat frequency response
AS01506MS-SP11-WP-R PUIAUDIO-AS01506MS-SP11-WP-R Datasheet
676Kb / 5P
PEEK diaphragm for flat frequency response
AS01506MS-SP15-WP-R PUIAUDIO-AS01506MS-SP15-WP-R Datasheet
677Kb / 5P
PEEK diaphragm for flat frequency response
More results


Similar Description - AS01506MS-WP-LW100-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZN404 ETC1-ZN404 Datasheet
78Kb / 4P
2.45V PRECISION REFERENCE REGULATOR
logo
Zarlink Semiconductor I...
ZN458 ZARLINK-ZN458 Datasheet
53Kb / 7P
2.45V PRECISION REFERENCE REGULATOR
logo
Pasternack Enterprises,...
RG62A-U PASTERNACK-RG62A-U Datasheet
100Kb / 1P
93 OHM COAXIAL CABLE
logo
ATMEL Corporation
AT73C213B ATMEL-AT73C213B_14 Datasheet
1Mb / 37P
93 dB SNR Playback Stereo Channels
logo
List of Unclassifed Man...
8255 ETC2-8255 Datasheet
101Kb / 3P
93 Ohm
logo
MicroPower Direct, LLC
LSR7810 MPD-LSR7810 Datasheet
529Kb / 2P
Effi ciency to 93%
logo
TE Connectivity Ltd
MS5803-01BA TEC-MS5803-01BA Datasheet
493Kb / 19P
High resolution module, 10cm
logo
List of Unclassifed Man...
DWM1001 ETC2-DWM1001 Datasheet
1Mb / 30P
Ranging accuracy to within 10cm
logo
Mallory Sonalert Produc...
PT-1240FEQ MSPI-PT-1240FEQ Datasheet
84Kb / 1P
Sound Pressure Level (dB/min) 85 at 10cm at Rated voltage
PT-3534FPQ MSPI-PT-3534FPQ Datasheet
95Kb / 1P
Sound Pressure Level Min. (dB) 105 at 10cm at Rated Voltage
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com