Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS01506MS-WP-LW100-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # AS01506MS-WP-LW100-R
Description  93 dB output (2.45V @ 10cm)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AS01506MS-WP-LW100-R Datasheet(HTML) 1 Page - PUI audio inc.

  AS01506MS-WP-LW100-R Datasheet HTML 1Page - PUI audio inc. AS01506MS-WP-LW100-R Datasheet HTML 2Page - PUI audio inc. AS01506MS-WP-LW100-R Datasheet HTML 3Page - PUI audio inc. AS01506MS-WP-LW100-R Datasheet HTML 4Page - PUI audio inc. AS01506MS-WP-LW100-R Datasheet HTML 5Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2020, PUI Audio Inc.
PUI Audio, Inc., 3541 Stop Eight Road, Dayton, OH 45414
Tel: (937) 415-5901 Fax: (937) 415-5925
Data Sheet
AS01506MS-WP-LW100-R
PUI Audio’s Mobile Series line of speakers and receivers is designed for cutting-edge
applications such as smart watches and pendants, Wi-Fi enabled security devices and action
cameras, mobile radios and smart phones, as well as IoT devices. Each Mobile Series product
features an IP67-rated face for protection against dust and water ingress.
The six-ohm 15mm x 11mm AS01506MS-WP-LW100-R speaker is designed for high fidelity
audio reproduction in the thinnest size possible.
Features:
•
PEEK diaphragm for flat frequency response
•
93 dB output (2.45V @ 10cm)
•
High-energy neodymium motor
•
Dustproof and waterproof IP67-rated face
•
Double-sided tape, integrated grill, and rear foam pad
•
100mm lead wires for quick electrical connection
Specifications
Parameters
Values
Units
Rated Input Power
0.8
Watts
Max Input Power
1.0
Watts
Impedance
6 ± 15%
Ohms
Sensitivity (SPL @ 2.2V/10cm)
At 2 kHz in 1cc enclosure
93 ± 3
dB
Resonant Frequency
(free air/in 1cc enclosure)
550 ± 20% (1.0Vrms, 10cm)
850 ± 20% (1cc box 2.2Vrmss, 10cm)
Hz
Frequency Range
Fo ~ 20,000
Hz
Frame Material
PPA
-
Magnet Material
NdFeB
-
Weight
1.5
Grams
Environmental Compliances
ROHS/REACH
-
Ingress Protection Rating
IP67
-
Buzz, Rattle, etc.
Should not be audible with 2.2V sine wave
from 200 Hz to 2 kHz in 1cc enclosure
-
Polarity
When positive voltage is applied to the
positive terminal, the diaphragm will move
outward
-
Storage Temperature
-40 ~ +85
°C
Operating Temperature
-20 ~ +70
°C


Similar Part No. - AS01506MS-WP-LW100-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
AS01506MS-SC11-WP-R PUIAUDIO-AS01506MS-SC11-WP-R Datasheet
685Kb / 5P
PEEK diaphragm for flat frequency response
AS01506MS-SC15-WP-R PUIAUDIO-AS01506MS-SC15-WP-R Datasheet
687Kb / 5P
PEEK diaphragm for flat frequency response
AS01506MS-SP11-WP-R PUIAUDIO-AS01506MS-SP11-WP-R Datasheet
676Kb / 5P
PEEK diaphragm for flat frequency response
AS01506MS-SP15-WP-R PUIAUDIO-AS01506MS-SP15-WP-R Datasheet
677Kb / 5P
PEEK diaphragm for flat frequency response
More results

Similar Description - AS01506MS-WP-LW100-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZN404 ETC1-ZN404 Datasheet
78Kb / 4P
2.45V PRECISION REFERENCE REGULATOR
logo
Zarlink Semiconductor I...
ZN458 ZARLINK-ZN458 Datasheet
53Kb / 7P
2.45V PRECISION REFERENCE REGULATOR
logo
Pasternack Enterprises,...
RG62A-U PASTERNACK-RG62A-U Datasheet
100Kb / 1P
93 OHM COAXIAL CABLE
logo
ATMEL Corporation
AT73C213B ATMEL-AT73C213B_14 Datasheet
1Mb / 37P
93 dB SNR Playback Stereo Channels
logo
List of Unclassifed Man...
8255 ETC2-8255 Datasheet
101Kb / 3P
93 Ohm
logo
MicroPower Direct, LLC
LSR7810 MPD-LSR7810 Datasheet
529Kb / 2P
Effi ciency to 93%
logo
TE Connectivity Ltd
MS5803-01BA TEC-MS5803-01BA Datasheet
493Kb / 19P
High resolution module, 10cm
logo
List of Unclassifed Man...
DWM1001 ETC2-DWM1001 Datasheet
1Mb / 30P
Ranging accuracy to within 10cm
logo
Mallory Sonalert Produc...
PT-1240FEQ MSPI-PT-1240FEQ Datasheet
84Kb / 1P
Sound Pressure Level (dB/min) 85 at 10cm at Rated voltage
PT-3534FPQ MSPI-PT-3534FPQ Datasheet
95Kb / 1P
Sound Pressure Level Min. (dB) 105 at 10cm at Rated Voltage
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com