Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS01508MO-SC11-R Datasheet (PDF) - PUI audio inc.

AS01508MO-SC11-R Datasheet PDF - PUI audio inc.
Part # AS01508MO-SC11-R
Download  AS01508MO-SC11-R Download
File Size   941.45 Kbytes
Page   6 Pages
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.
Description 89 dB output (2V @ 10cm)

AS01508MO-SC11-R Datasheet (PDF)

Go To PDF Page Download Datasheet
AS01508MO-SC11-R Datasheet PDF - PUI audio inc.

Part # AS01508MO-SC11-R
Download  AS01508MO-SC11-R Click to download

File Size   941.45 Kbytes
Page   6 Pages
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.
Description 89 dB output (2V @ 10cm)

AS01508MO-SC11-R Datasheet (HTML) - PUI audio inc.


AS01508MO-SC11-R Product details

Features:
• 89 dB output (2V @ 10cm)
• High-energy neodymium motor
• 4mm thick with included 2-sided foam adhesive
Description
Released from Engineering




Similar Part No. - AS01508MO-SC11-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
AS01508MO-SP11-LW25-R PUIAUDIO-AS01508MO-SP11-LW25-R Datasheet
807Kb / 6P
89 dB output (2V @ 10cm)
More results


Similar Description - AS01508MO-SC11-R

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT16X2TX HOLTEK-HT16X2TX Datasheet
1Mb / 13P
Operating voltage: 2V ~ 3.6V Output power up to 10dBm
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6_1 Datasheet
118Kb / 2P
SOT-89 Plastic-Encapsulate Transistors (SOT-89)
logo
Littelfuse
2SB1188T100Q LITTELFUSE-2SB1188T100Q Datasheet
180Kb / 4P
Medium power transistor (??2V, ??A)
logo
TE Connectivity Ltd
MS5803-01BA TEC-MS5803-01BA Datasheet
493Kb / 19P
High resolution module, 10cm
logo
List of Unclassifed Man...
DWM1001 ETC2-DWM1001 Datasheet
1Mb / 30P
Ranging accuracy to within 10cm
CL800 ETC1-CL800 Datasheet
662Kb / 2P
2V 800Ah(10hr)
logo
Mallory Sonalert Produc...
PK-26N04P-06AQ MSPI-PK-26N04P-06AQ Datasheet
96Kb / 1P
95 at 10cm at Rated Voltage
PT-1240FEQ MSPI-PT-1240FEQ Datasheet
84Kb / 1P
Sound Pressure Level (dB/min) 85 at 10cm at Rated voltage
PT-3534FPQ MSPI-PT-3534FPQ Datasheet
95Kb / 1P
Sound Pressure Level Min. (dB) 105 at 10cm at Rated Voltage
logo
Maxim Integrated Produc...
MAX761EVKIT MAXIM-MAX761EVKIT Datasheet
353Kb / 4P
2V to 12V Input Range for 12V Output
2007
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com