Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT16X2TX Datasheet (PDF) - Holtek Semiconductor Inc

HT16X2TX Datasheet PDF - Holtek Semiconductor Inc
Part # HT16X2TX
Download  HT16X2TX Download
File Size   1549.52 Kbytes
Page   13 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Operating voltage: 2V ~ 3.6V Output power up to 10dBm

HT16X2TX Datasheet (PDF)

Go To PDF Page Download Datasheet
HT16X2TX Datasheet PDF - Holtek Semiconductor Inc

Part # HT16X2TX
Download  HT16X2TX Click to download

File Size   1549.52 Kbytes
Page   13 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Operating voltage: 2V ~ 3.6V Output power up to 10dBm

HT16X2TX Datasheet (HTML) - Holtek Semiconductor Inc




Similar Part No. - HT16X2TX

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HT16 TSC-HT16 Datasheet
62Kb / 2P
1.0 AMP. High Efficient Rectifiers
HT16 TSC-HT16 Datasheet
272Kb / 2P
1.0 AMP. High Efficient Rectifiers
HT16 TSC-HT16 Datasheet
549Kb / 2P
1.0 AMP. High Efficient Rectifiers
HT16 TSC-HT16 Datasheet
376Kb / 4P
High Efficient Rectifiers
logo
Holtek Semiconductor In...
HT1602 HOLTEK-HT1602 Datasheet
215Kb / 6P
40 Dot Matrix LCD Segment Driver
28th Aug 98
More results


Similar Description - HT16X2TX

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA723 INTERSIL-CA723 Datasheet
93Kb / 9P
Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA without External Pass Transistors
April 1999
logo
Harris Corporation
CA723 HARRIS-CA723 Datasheet
104Kb / 8P
Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA Without External Pass Transistors
logo
Freescale Semiconductor...
MMA8453QT FREESCALE-MMA8453QT Datasheet
1Mb / 47P
1.95V to 3.6V supply voltage, 1.6V to 3.6V interface voltage
logo
Micrel Semiconductor
MAQRF112 MICREL-MAQRF112 Datasheet
470Kb / 15P
Automotive, 300MHz to 450MHz, 10dBm, 1.8V to 3.6V, ASK/FSK Transmitter with Shutdown
logo
Lowpower Semiconductor ...
LP6250 POWER-LP6250 Datasheet
399Kb / 8P
2.1A Synchronous Current Boost DC/DC Regulator
Sep.-2010
logo
Micrel Semiconductor
MICRF112 MICREL-MICRF112_13 Datasheet
891Kb / 21P
300MHz to 450MHz, 10dBm, 1.8V to 3.6V, ASK/FSK Transmitter with Shutdown
logo
RICOH electronics devic...
R1190 RICOH-R1190 Datasheet
2Mb / 27P
1A VOLTAGE REGULATOR (Operating Voltage up to 16V)
April 1, 2012
logo
Melexis Microelectronic...
EVB90121 MELEXIS-EVB90121 Datasheet
268Kb / 8P
Output power up to 200miliwatts
logo
Maxim Integrated Produc...
MAX40025EVKIT MAXIM-MAX40025EVKIT Datasheet
495Kb / 8P
Supply Voltage 2.7V to 3.6V
319-100306; Rev 3; 5/19
logo
Nisshinbo Micro Devices...
R1190X NISSHINBO-R1190X Datasheet
2Mb / 27P
1A VOLTAGE REGULATOR (Operating Voltage up to 16V)
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com