Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA723 Datasheet (PDF) - Intersil Corporation

CA723 Datasheet PDF - Intersil Corporation
Part # CA723
Download  CA723 Download
File Size   93.95 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA without External Pass Transistors

CA723 Datasheet (PDF)

Go To PDF Page Download Datasheet
CA723 Datasheet PDF - Intersil Corporation

Part # CA723
Download  CA723 Click to download

File Size   93.95 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA without External Pass Transistors

CA723 Datasheet (HTML) - Intersil Corporation


CA723 Product details

The CA723 and CA723C are silicon monolithic integrated circuits designed for service as voltage regulators at output voltages ranging from 2V to 37V at currents up to 150mA.
Each type includes a temperature-compensated reference amplifier, an error amplifier, a power series pass transistor, and a current-limiting circuit. They also provide independently accessible inputs for adjustable current limiting and remote shutdown and, in addition, feature low standby current drain, low temperature drift, and high ripple rejection.
The CA723 and CA723C may be used with positive and negative power supplies in a wide variety of series, shunt, switching, and floating regulator applications. They can provide regulation at load currents greater than 150mA and in excess of 10A with the use of suitable NPN or PNP external pass transistors.

Features
• Up to 150mA Output Current
• Positive and Negative Voltage Regulation
• Regulation in Excess of 10A with Suitable Pass
   Transistors
• Input and Output Short-Circuit Protection
• Load and Line Regulation . . . . . . . . . . . . . . . . . . . .0.03%
• Direct Replacement for 723 and 723C Industry Types
• Adjustable Output Voltage . . . . . . . . . . . . . . . . . 2V to 37V

Applications
• Series and Shunt Voltage Regulator
• Floating Regulator
• Switching Voltage Regulator
• High-Current Voltage Regulator
• Temperature Controller




Similar Part No. - CA723

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
CA723 HARRIS-CA723 Datasheet
104Kb / 8P
Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA Without External Pass Transistors
CA723C HARRIS-CA723C Datasheet
104Kb / 8P
Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA Without External Pass Transistors
CA723CE HARRIS-CA723CE Datasheet
104Kb / 8P
Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA Without External Pass Transistors
logo
List of Unclassifed Man...
CA723CE ETC2-CA723CE Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Harris Corporation
CA723CT HARRIS-CA723CT Datasheet
104Kb / 8P
Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA Without External Pass Transistors
More results


Similar Description - CA723

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM217M STMICROELECTRONICS-LM217M Datasheet
115Kb / 11P
MEDIUM CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
Sep-1997
logo
Harris Corporation
CA723 HARRIS-CA723 Datasheet
104Kb / 8P
Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA Without External Pass Transistors
logo
STMicroelectronics
LM217L STMICROELECTRONICS-LM217L Datasheet
250Kb / 10P
LOW CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
February 2003
logo
Harris Corporation
CA3085 HARRIS-CA3085 Datasheet
436Kb / 8P
Positive Voltage Regulators from 1.7 to 46V at Currents Up to 100mA
logo
Holtek Semiconductor In...
HT16X2TX HOLTEK-HT16X2TX Datasheet
1Mb / 13P
Operating voltage: 2V ~ 3.6V Output power up to 10dBm
logo
Unisonic Technologies
LM317M UTC-LM317M_10 Datasheet
251Kb / 5P
MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LM317A ETL-LM317A Datasheet
254Kb / 5P
MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
M.S. Kennedy Corporatio...
MSK5012 MSK-MSK5012_15 Datasheet
747Kb / 7P
Output Voltage Adjustable from 1.30V to 36V
logo
Shenzhen Huazhimei Semi...
HM3133 HMSEMI-HM3133 Datasheet
570Kb / 8P
Output voltage adjustable from 5V to 30V
logo
Unisonic Technologies
LM317A UTC-LM317A_V01 Datasheet
301Kb / 6P
MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com