Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6250 Datasheet (PDF) - Lowpower Semiconductor inc

LP6250 Datasheet PDF - Lowpower Semiconductor inc
Part # LP6250
Download  LP6250 Download
File Size   399.41 Kbytes
Page   8 Pages
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc
Description 2.1A Synchronous Current Boost DC/DC Regulator

LP6250 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP6250 Datasheet PDF - Lowpower Semiconductor inc

Part # LP6250
Download  LP6250 Click to download

File Size   399.41 Kbytes
Page   8 Pages
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc
Description 2.1A Synchronous Current Boost DC/DC Regulator

LP6250 Datasheet (HTML) - Lowpower Semiconductor inc


LP6250 Product details

General Description
The LP6250 is high efficiency Synchronous Boost
DC/DC Converter, fixed frequency, current-mode
step-up converter with output to input disconnect. A
PWM step-up DC/DC converters optimized to
provide a high efficiency solution to medium power
system. Its PWM circuitry with built-in
2.1A@250mΩ power mosfet makes this converter
highly power efficiently. Selectable high switching
frequency allows faster loop response and easy
filtering with a low noise output. The non-inverting
input its error amplifier is connected to an internal
0.5V precision reference voltage. Soft-start time can
be programmed with an external capacitor, which
sets the input current ramp rate. Current mode
control and external compensation network make it
easy and flexible to stabilize the system. the devices
regulates the output voltage up to 5V from either a
2cell NiMH/NiCd or a single-cell Li-ion Battery
with a 500KHz fixed frequency switching. These
features minimize overall solution footprint by
allowing the use of tiny, low profile inductors and
ceramic capacitors.

Features
‹ Up to 94% efficiency 
‹ Shut-down current:<1uA  
‹ Output voltage Up to 5V
‹ 500KHz fixed frequency switching
‹ High switch on current:2.1A@250mΩ
‹ Available in TDFN-10 Package

Applications
-Battery products
-Host Products
-Motor Power Devices




Similar Part No. - LP6250

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6252 POWER-LP6252 Datasheet
460Kb / 8P
Output to Input Disconnect at Shutdown Mode
LP6253 POWER-LP6253 Datasheet
844Kb / 11P
Output to Input Disconnect at Shutdown Mode
LP6253H POWER-LP6253H Datasheet
1Mb / 12P
High Efficiency 8A Synchronous Boost Convertor
LP6253HQVF POWER-LP6253HQVF Datasheet
1Mb / 12P
High Efficiency 8A Synchronous Boost Convertor
LP6253HSPF POWER-LP6253HSPF Datasheet
1Mb / 12P
High Efficiency 8A Synchronous Boost Convertor
More results


Similar Description - LP6250

ManufacturerPart #DatasheetDescription
logo
Kingbor Technology Co
KB3429 KINGBOR-KB3429 Datasheet
154Kb / 5P
Synchronous Boost DC//DC Regullator
logo
FOSLINK SEMICONDUCTOR C...
FSP3602 FOSLINK-FSP3602 Datasheet
176Kb / 5P
SYNCHRONOUS BOOST DC/DC CONVERTER
logo
Lowpower Semiconductor ...
LP6202 POWER-LP6202 Datasheet
235Kb / 7P
Synchronous Boost DC/DC Regulator
LP6202A POWER-LP6202A Datasheet
236Kb / 6P
Synchronous Boost DC/DC Regulator
LP6218 POWER-LP6218 Datasheet
714Kb / 9P
High Efficiency 2.1A Boost DC/DC Convertor
logo
Rohm
BU33UV7NUX ROHM-BU33UV7NUX Datasheet
1Mb / 24P
Synchronous Boost DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM6385 HMSEMI-HM6385 Datasheet
1Mb / 8P
Synchronous boost DC-DC converter
HM3441 HMSEMI-HM3441 Datasheet
241Kb / 8P
Synchronous Buck-Boost DC/DC Constant Output Current Regulator
HM3440 HMSEMI-HM3440 Datasheet
451Kb / 10P
Synchronous Buck-Boost DC/DC Regulator
HM3400 HMSEMI-HM3400 Datasheet
525Kb / 9P
Synchronous Boost DC/DC Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com