Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6250 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP6250
Description  2.1A Synchronous Current Boost DC/DC Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6250 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP6250 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6250 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6250 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6250 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6250 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6250 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6250 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6250 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Preliminary Datasheet
LP6250
LP6250 –00 Version 1.0 Datasheet
Sep.-2010
www.lowpowersemi.com
Page 1 of 8
2.1A Synchronous Current Boost DC/DC Regulator
General Description
The LP6250 is high efficiency Synchronous Boost
DC/DC Converter, fixed frequency, current-mode
step-up converter with output to input disconnect. A
PWM step-up DC/DC converters optimized to
provide a high efficiency solution to medium power
system.
Its
PWM
circuitry
with
built-in
2.1A@250mΩ power mosfet makes this converter
highly power efficiently. Selectable high switching
frequency allows faster loop response and easy
filtering with a low noise output. The non-inverting
input its error amplifier is connected to an internal
0.5V precision reference voltage. Soft-start time can
be programmed with an external capacitor, which
sets the input current ramp rate. Current mode
control and external compensation network make it
easy and flexible to stabilize the system. the devices
regulates the output voltage up to 5V from either a
2cell NiMH/NiCd or a single-cell Li-ion Battery
with a 500KHz fixed frequency switching. These
features minimize overall solution footprint by
allowing the use of tiny, low profile inductors and
ceramic capacitors.
Ordering Information
LP6250 - □ □
□
F: Pb-Free
Package Type
QV: TDFN-10
Marking Information
Please see website.
Features
Up to 94% efficiency
 
Shut-down current:<1uA
 
Output voltage Up to 5V
500KHz fixed frequency switching
High switch on current:2.1A@250mΩ
Available in TDFN-10 Package  
Applications
Battery products
Host Products
Motor Power Devices
Typical Application Circuit
LP6250QVF
6
9
3
10
1
4
2
5
7
BATT
SW
FB
GND
EN
LBO
OUT
GND
LBI
R2
10K
C3
22pF
5V
R3
100K
R5
ON/OFF
R1
90K
C1
22uF
R5
6.8uH
C2
47uF
R4
Vin
LBO
Pin Configurations
3
4
OUT
FB
2
7
5
LBO
NC
GND
GND
LBI
BATT
10
9
EN
GND
6
1
SW
8
11


Similar Part No. - LP6250

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6252 POWER-LP6252 Datasheet
460Kb / 8P
Output to Input Disconnect at Shutdown Mode
LP6253 POWER-LP6253 Datasheet
844Kb / 11P
Output to Input Disconnect at Shutdown Mode
LP6253H POWER-LP6253H Datasheet
1Mb / 12P
High Efficiency 8A Synchronous Boost Convertor
LP6253HQVF POWER-LP6253HQVF Datasheet
1Mb / 12P
High Efficiency 8A Synchronous Boost Convertor
LP6253HSPF POWER-LP6253HSPF Datasheet
1Mb / 12P
High Efficiency 8A Synchronous Boost Convertor
More results

Similar Description - LP6250

ManufacturerPart #DatasheetDescription
logo
Kingbor Technology Co
KB3429 KINGBOR-KB3429 Datasheet
154Kb / 5P
Synchronous Boost DC//DC Regullator
logo
FOSLINK SEMICONDUCTOR C...
FSP3602 FOSLINK-FSP3602 Datasheet
176Kb / 5P
SYNCHRONOUS BOOST DC/DC CONVERTER
logo
Lowpower Semiconductor ...
LP6202 POWER-LP6202 Datasheet
235Kb / 7P
Synchronous Boost DC/DC Regulator
LP6202A POWER-LP6202A Datasheet
236Kb / 6P
Synchronous Boost DC/DC Regulator
LP6218 POWER-LP6218 Datasheet
714Kb / 9P
High Efficiency 2.1A Boost DC/DC Convertor
logo
Rohm
BU33UV7NUX ROHM-BU33UV7NUX Datasheet
1Mb / 24P
Synchronous Boost DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM6385 HMSEMI-HM6385 Datasheet
1Mb / 8P
Synchronous boost DC-DC converter
HM3441 HMSEMI-HM3441 Datasheet
241Kb / 8P
Synchronous Buck-Boost DC/DC Constant Output Current Regulator
HM3440 HMSEMI-HM3440 Datasheet
451Kb / 10P
Synchronous Buck-Boost DC/DC Regulator
HM3400 HMSEMI-HM3400 Datasheet
525Kb / 9P
Synchronous Boost DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com