Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6250 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP6250
Description  2.1A Synchronous Current Boost DC/DC Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6250 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP6250 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6250 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6250 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6250 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6250 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6250 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6250 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6250 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Preliminary Datasheet
LP6250
LP6250 –00 Version 1.0 Datasheet
Sep.-2010
www.lowpowersemi.com
Page 2 of 8
Functional Pin Description
PIN
PIN Name
Description
1
EN
Regulator On/off Control Input. A logic high input(VEN>1.4V) turns on
the regulator. A logic low input(VEN<0.4V) puts the LP6250 into low
current shutdown mode.
2
Out
Voltage output pin.
3
FB
Regulation Feedback Input. Connect to an external resistive voltage
divider from the output to FB to set the output voltage.
4
LBO
Open-drain Low Battery Detector output pin.
5,10
GND
Power Ground.
6
BATT
Battery supply input pin.
7
LBI
Battery detector input pin.
8
NC
No Connector.
9
SW
Output switching node. SW is the drain of the internal N-Channel
MOSFET and RDS-ON is 250m
Ω. Connect the inductor to SW to
Complete the step-up converter.
11
EPGND
Exposed PAD. Must connect to Ground.
Function Block Diagram
SW



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com