Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6250 Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LP6250
Description  2.1A Synchronous Current Boost DC/DC Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6250 Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

  LP6250 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6250 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6250 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6250 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6250 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6250 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6250 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6250 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Preliminary Datasheet
LP6250
LP6250 –00 Version 1.0 Datasheet
Sep.-2010
www.lowpowersemi.com
Page 6 of 8
Operation Information
Output Voltage
The error amplifier compares a sample of the dc-dc
converter output voltage with the 0.5V (VREF)
reference and generates an error signal for the PWM
comparator. Output voltage of dc-dc converter is
setting with the resistor divider by the following
equation:
Vout=(R1/R2+1) X 0.5V
Oscillator
The switching frequency of LP6250 up to operate at
either 500KHz.
Soft Start
The soft start is functional after power on. The
interval of soft start time is determined by a
capacitor connected to SS pin. When EN pin is
taken high, the soft start capacitor (CSS) is charged
by a constant current of 4μA (typ.). During this
interval, the SS voltage directly controls the peak
inductor current. The maximum load current is
available after the soft-start interval is completed.
Once the EN pin is taken low, the soft-start
capacitor is discharged to ground to prepare for next
start-up.
The load must wait for the soft-start interval to
finish before drawing a significant amount of load
current. The duration after which the load can begin
to draw maximum load current is:
EN
The LP6250 can be turn off to reduce the supply
current to 0.1μA when EN is low. In this mode, the
internal reference, error amplifier, comparators, and
biasing circuitry turn off while the N-channel
MOSFET is turned off. The boost converter’s
output is connected to VCC by the external inductor
and catch diode.
Output Current Capability
The output current capability of the LP6250 is a
function of current limit, input voltage, operation
frequency, and inductor value. Because of the slope
compensation used to stabilize the feedback loop,
the duty cycle affects the current limit. The output
current capability is governed by the following
equation:
Current Limitation
The internal power-MOS switch current is
monitored cycle-by-cycle and is limited to the value
not exceed 2.1A (Typ.). When the switch current
reaches the limited value, the internal power-MOS
is turned off immediately until the next cycle.
Low Battery Detector
The LP6250 provides an on-chip comparator with
35mV internal hysteresis for low battery detection.If
the LBI pin voltage falls below the internal
reference voltage(0.5V),the LBO pin(an open-drain
output) sinks current to GND.The LBI pin should be
connected to BAT pin if the low battery comparator
is not used.
Layout considerations
Typical for all switching power supplies, the
layout is an important step in the design;
especially
at
high
peak-currents
and
switching frequencies. If the layout is not
carefully done, the regulator might show
noise problem sand duty cycle fitter. The
input capacitor should be placed as close as
possible to the input pin for good input
voltage viltering. The inductor and diode
should be placed as close as possible to the
switch pin to minimize the noise coupling in
to other circuits. Since the feedback pin and
network is a high impedance circuit the
feedback network should be routed away
from the inductor. The feedback pin and
feedback network should be shielded with a
ground plane or trace to minimize noise
coupling into this circuit.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com