Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DUM-4537L-HD-R Datasheet (PDF) - PUI audio inc.

DUM-4537L-HD-R Datasheet PDF - PUI audio inc.
Part # DUM-4537L-HD-R
Download  DUM-4537L-HD-R Download
File Size   494.22 Kbytes
Page   6 Pages
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.
Description 68 dB signal-to-noise ratio

DUM-4537L-HD-R Datasheet (PDF)

Go To PDF Page Download Datasheet
DUM-4537L-HD-R Datasheet PDF - PUI audio inc.

Part # DUM-4537L-HD-R
Download  DUM-4537L-HD-R Click to download

File Size   494.22 Kbytes
Page   6 Pages
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.
Description 68 dB signal-to-noise ratio

DUM-4537L-HD-R Datasheet (HTML) - PUI audio inc.


DUM-4537L-HD-R Product details

Features:
• 8mm diameter
• 4.5mm height
• -37 dB sensitivity
• 68 dB signal-to-noise ratio
• Cardioid pickup pattern

Description
Released from Engineering




Similar Part No. - DUM-4537L-HD-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
DUM-4546L-C3310-R PUIAUDIO-DUM-4546L-C3310-R Datasheet
334Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
More results


Similar Description - DUM-4537L-HD-R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2131Q SONY-CXD2131Q Datasheet
189Kb / 13P
Video Aspect Ratio Identification Signal Encoder/Decoder
logo
American Accurate Compo...
LA0301N3620 AAC-LA0301N3620 Datasheet
161Kb / 3P
Broadband Low Noise Small Signal Amp 0.3 to 18GHz
logo
CML Microcircuits
FX002 CMLMICRO-FX002 Datasheet
112Kb / 7P
Signal to Noise Enhancer
logo
M/A-COM Technology Solu...
AM-143-AMC-143 MA-COM-AM-143-AMC-143 Datasheet
85Kb / 3P
Low Noise Amplifier, 16 dB Gain
AM-160 MA-COM-AM-160_15 Datasheet
455Kb / 4P
Low Noise Amplifier, 28 dB Gain
logo
List of Unclassifed Man...
2412003A1000 ETC2-2412003A1000 Datasheet
1Mb / 4P
Increased bandwidth and signal-to-noise margin
NP289 ETC2-NP289 Datasheet
1Mb / 4P
Increased bandwidth and signal-to-noise margin
logo
Virginia Panel Corporat...
7-124883666-036 VPC-7-124883666-036 Datasheet
86Kb / 1P
Signal Patchcord, Receiver, QuadraPaddle, 36", 68 Conductor Shielded, to SCSI, 68-Pin Male, (1 Amp)
7-124883666-072 VPC-7-124883666-072 Datasheet
87Kb / 1P
Signal Patchcord, Receiver, QuadraPaddle, 72", 68 Conductor Shielded, to SCSI, 68-Pin Male, (1 Amp)
logo
Microchip Technology
MTCH1010 MICROCHIP-MTCH1010 Datasheet
730Kb / 31P
High Signal to Noise Ratio (SNR)
2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com