Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DUM-4537L-HD-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # DUM-4537L-HD-R
Description  68 dB signal-to-noise ratio
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

DUM-4537L-HD-R Datasheet(HTML) 1 Page - PUI audio inc.

  DUM-4537L-HD-R Datasheet HTML 1Page - PUI audio inc. DUM-4537L-HD-R Datasheet HTML 2Page - PUI audio inc. DUM-4537L-HD-R Datasheet HTML 3Page - PUI audio inc. DUM-4537L-HD-R Datasheet HTML 4Page - PUI audio inc. DUM-4537L-HD-R Datasheet HTML 5Page - PUI audio inc. DUM-4537L-HD-R Datasheet HTML 6Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2021, PUI Audio Inc.
www.puiaudio.com
Data Sheet
DUM-4537L-HD-R
PUI Audio’s all-new HD Series microphones use premium-grade MOSFETs and
diaphragms for high sensitivity and superior signal-to-noise ratio. Each
microphone features GSM buzz-blocking capacitors. Upgrade the ECM
microphone that you use today with a PUI Audio HD Series microphone.
The 6mm diameter DUM-4537L-HD-R is a cardioid/uni-directional microphone
designed for extreme fidelity and focused recording of acoustic sources directly
on-axis with the face of the microphone.
Features:
•
8mm diameter
•
4.5mm height
•
-37 dB sensitivity
•
68 dB signal-to-noise ratio
•
Cardioid pickup pattern
Specifications
Parameters
Values
Units
Sensitivity (1 kHz @ 50cm)
0 dB=1V/Pa
-37 ±3
dB
Rated Voltage
2
VDC
Output Impedance (@ 1 kHz)
2.2
kΩ
Current consumption
(2VS with 15 kΩ RL)
500
µA
Signal-to-Noise Ratio
(1kHz, 94 dB input, A-weighted)
68
dB
Decreasing Voltage (2V to 1.5V)
-3
dB
Frequency Range
20 ~ 20,000
Hz
Operating Voltage Range
1 ~ 10
VDC
Maximum SPL Input (THD<3%)
110
dB
Directivity
Uni-directional
-
Operating Temperature
-30 ~ +70
°C
Storage Temperature
-40 ~ +85
°C
Weight
<0.5
Grams


Similar Part No. - DUM-4537L-HD-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
DUM-4546L-C3310-R PUIAUDIO-DUM-4546L-C3310-R Datasheet
334Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
More results

Similar Description - DUM-4537L-HD-R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2131Q SONY-CXD2131Q Datasheet
189Kb / 13P
Video Aspect Ratio Identification Signal Encoder/Decoder
logo
American Accurate Compo...
LA0301N3620 AAC-LA0301N3620 Datasheet
161Kb / 3P
Broadband Low Noise Small Signal Amp 0.3 to 18GHz
logo
CML Microcircuits
FX002 CMLMICRO-FX002 Datasheet
112Kb / 7P
Signal to Noise Enhancer
logo
M/A-COM Technology Solu...
AM-143-AMC-143 MA-COM-AM-143-AMC-143 Datasheet
85Kb / 3P
Low Noise Amplifier, 16 dB Gain
AM-160 MA-COM-AM-160_15 Datasheet
455Kb / 4P
Low Noise Amplifier, 28 dB Gain
logo
List of Unclassifed Man...
2412003A1000 ETC2-2412003A1000 Datasheet
1Mb / 4P
Increased bandwidth and signal-to-noise margin
NP289 ETC2-NP289 Datasheet
1Mb / 4P
Increased bandwidth and signal-to-noise margin
logo
Virginia Panel Corporat...
7-124883666-036 VPC-7-124883666-036 Datasheet
86Kb / 1P
Signal Patchcord, Receiver, QuadraPaddle, 36", 68 Conductor Shielded, to SCSI, 68-Pin Male, (1 Amp)
7-124883666-072 VPC-7-124883666-072 Datasheet
87Kb / 1P
Signal Patchcord, Receiver, QuadraPaddle, 72", 68 Conductor Shielded, to SCSI, 68-Pin Male, (1 Amp)
logo
Microchip Technology
MTCH1010 MICROCHIP-MTCH1010 Datasheet
730Kb / 31P
High Signal to Noise Ratio (SNR)
2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com